Electronic Components Datasheet Search
  English  ▼

X  

AD7851 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7851
Description  14-Bit 333 kSPS Serial A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7851 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7851 Datasheet HTML 2Page - Analog Devices AD7851 Datasheet HTML 3Page - Analog Devices AD7851 Datasheet HTML 4Page - Analog Devices AD7851 Datasheet HTML 5Page - Analog Devices AD7851 Datasheet HTML 6Page - Analog Devices AD7851 Datasheet HTML 7Page - Analog Devices AD7851 Datasheet HTML 8Page - Analog Devices AD7851 Datasheet HTML 9Page - Analog Devices AD7851 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AD7851
–6–
REV. A
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25°C unless otherwise noted)
AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
DVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AVDD to DVDD . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Analog Input Voltage to AGND . . . . –0.3 V to AVDD + 0.3 V
Digital Input Voltage to DGND . . . . –0.3 V to DVDD + 0.3 V
Digital Output Voltage to DGND . . . –0.3 V to DVDD + 0.3 V
REFIN/REFOUT to AGND . . . . . . . . . –0.3 V to AVDD + 0.3 V
Input Current to Any Pin Except Supplies
2 . . . . . . . .
±10 mA
Operating Temperature Range
Commercial (A, K Versions) . . . . . . . . . . –40
°C to +125°C
Storage Temperature Range . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Plastic DIP Package, Power Dissipation . . . . . . . . . . 450 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . .
105
°C/W
θ
JC Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 34.7
°C/W
Lead Temperature, (Soldering, 10 secs) . . . . . . . . . . +260
°C
SOIC, SSOP Package, Power Dissipation . . . . . . . . . 450 mW
θ
JA Thermal Impedance . . . 75
°C/W (SOIC) 115°C/W (SSOP)
θ
JC Thermal Impedance . . . . 25°C/W (SOIC) 35°C/W (SSOP)
Lead Temperature, Soldering
Vapor Phase (60 secs) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 secs) . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >1.5 kV
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latch-up.
PINOUT FOR DIP, SOIC AND SSOP
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
AD7851
TOP VIEW
(Not to Scale)
CONVST
BUSY
SLEEP
REFIN/REFOUT
AVDD
AGND
CREF1
CREF2
AIN(+)
AIN(–)
NC
AGND
SYNC
SCLK
CLKIN
DIN
DOUT
DGND
DVDD
CAL
SM2
SM1
POLARITY
AMODE
ORDERING GUIDE
1
Linearity
Temp
Error
Throughput
Throughput
Package
Model
Range
(LSB)
2
Rate
@ +125 C
Options
3
AD7851AN
–40
°C to +85°C
±2
333 kSPS
238 kSPS
N-24
AD7851KN
0
°C to +85°C
±1
285 kSPS
238 kSPS
N-24
AD7851AR
–40
°C to +85°C
±2
333 kSPS
238 kSPS
R-24
AD7851KR
0
°C to +85°C
±1
285 kSPS
238 kSPS
R-24
AD7851ARS
–40
°C to +85°C
±2
333 kSPS
238 kSPS
RS-24
EVAL-AD7851CB
4
EVAL-CONTROL BOARD
5
NOTES
1Both A and K Grades are guaranteed up to 125
°C, but at a lower throughput of 238 kHz (5 MHz)..
2Linearity error refers to the integral linearity error.
3N = Plastic DIP; R = SOIC; RS = SSOP.
4This can be used as a stand-alone evaluation board or in conjunction with the EVAL-CONTROL BOARD for evaluation/demonstration
purposes.
5This board is a complete unit allowing a PC to control and communicate with all Analog Devices, Inc. evaluation boards ending in the
CB designators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com