Electronic Components Datasheet Search
  English  ▼

X  

AD7851 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7851
Description  14-Bit 333 kSPS Serial A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7851 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7851 Datasheet HTML 18Page - Analog Devices AD7851 Datasheet HTML 19Page - Analog Devices AD7851 Datasheet HTML 20Page - Analog Devices AD7851 Datasheet HTML 21Page - Analog Devices AD7851 Datasheet HTML 22Page - Analog Devices AD7851 Datasheet HTML 23Page - Analog Devices AD7851 Datasheet HTML 24Page - Analog Devices AD7851 Datasheet HTML 25Page - Analog Devices AD7851 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
AD7851
–22–
REV. A
System Gain and Offset Interaction
The inherent architecture of the AD7851 leads to an interaction
between the system offset and gain errors when a system calibra-
tion is performed. Therefore it is recommended to perform the
cycle of a system offset calibration followed by a system gain
calibration twice. Separate system offset and system gain cali-
brations reduce the offset and gain errors to at least the 14-bit
level. By performing a system offset calibration first and a sys-
tem gain calibration second, priority is given to reducing the
gain error to zero before reducing the offset error to zero. If the
system errors are small, a system offset calibration would be per-
formed, followed by a system gain calibration. If the systems er-
rors are large (close to the specified limits of the calibration
range), this cycle would be repeated twice to ensure that the off-
set and gain errors were reduced to at least the 14-bit level. The
advantage of doing separate system offset and system gain cali-
brations is that the user has more control over when the analog
inputs need to be at the required levels, and the CONVST sig-
nal does not have to be used.
Alternatively, a system (gain + offset) calibration can be per-
formed. It is recommended to perform three system (gain + off-
set) calibrations to reduce the offset and gain errors to the 14-bit
level. For the system (gain + offset) calibration priority is given
to reducing the offset error to zero before reducing the gain er-
ror to zero. Thus if the system errors are small then two system
(gain + offset) calibrations will be sufficient. If the system errors
are large (close to the specified limits of the calibration range),
three system (gain + offset) calibrations may be required to re-
duced the offset and gain errors to at least the 14-bit level.
There will never be any need to perform more than three system
(offset + gain) calibrations.
In Bipolar Mode the midscale error is adjusted for an offset cali-
bration and the positive full-scale error is adjusted for the gain
calibration; in Unipolar Mode the zero-scale error is adjusted
for an offset calibration and the positive full-scale error is ad-
justed for a gain calibration.
System Calibration Timing
The calibration timing diagram in Figure 31 is for a full system
calibration where the falling edge of CAL initiates an internal
reset before starting a calibration (note that if the part is in power-
down mode the CAL pulse width must take account of the power-up
time). If a full system calibration is to be performed in software,
it is easier to perform separate gain and offset calibrations so
that the CONVST bit in the control register does not have to be
programmed in the middle of the system calibration sequence.
The rising edge of CAL starts calibration of the internal DAC
and causes the BUSY line to go high. If the control register is
set for a full system calibration, the CONVST must be used
also. The full-scale system voltage should be applied to the ana-
log input pins from the start of calibration. The BUSY line will
go low once the DAC and system gain calibration are complete.
Next the system offset voltage is applied to the AIN pin for a
minimum setup time (tSETUP) of 100 ns before the rising edge of
the CONVST and remain until the BUSY signal goes low. The
rising edge of the CONVST starts the system offset calibration
section of the full system calibration and also causes the BUSY
signal to go high. The BUSY signal will go low after a time tCAL2
when the calibration sequence is complete.
The timing for a system (gain + offset) calibration is very similar
to that of Figure 31, the only difference being that the time
tCAL1 will be replaced by a shorter time of the order of tCAL2 as
the internal DAC will not be calibrated. The BUSY signal will
signify when the gain calibration is finished and when the part is
ready for the offset calibration.
CONVST (I/P)
AIN (I/P)
t16
tSETUP
CAL (I/P)
BUSY (O/P)
t1
t15
tCAL1
tCAL2
VSYSTEM FULL SCALE
VOFFSET
t1 = 100ns MIN, t14 = 50 MAX,
t15 = 4 tCLKIN MAX, tCAL1 = 222228 tCLKIN MAX,
tCAL2 = 27798 tCLKIN
Figure 31. Timing Diagram for Full System Calibration
The timing diagram for a system offset or system gain calibra-
tion is shown in Figure 32. Here again the CAL is pulsed and
the rising edge of the CAL initiates the calibration sequence (or
the calibration can be initiated in software by writing to the con-
trol register). The rising edge of the CAL causes the BUSY line
to go high and it will stay high until the calibration sequence is
finished. The analog input should be set at the correct level for
a minimum setup time (tSETUP) of 100 ns before the rising edge
of CAL and stay at the correct level until the BUSY signal goes
low.
AIN (I/P)
t
SETUP
CAL (I/P)
BUSY (O/P)
t15
tCAL2
t1
VSYSTEM FULL SCALE OR VSYSTEM OFFSET
Figure 32. Timing Diagram for System Gain or System
Offset Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com