Electronic Components Datasheet Search
  English  ▼

X  

AD7851 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7851
Description  14-Bit 333 kSPS Serial A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7851 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7851 Datasheet HTML 21Page - Analog Devices AD7851 Datasheet HTML 22Page - Analog Devices AD7851 Datasheet HTML 23Page - Analog Devices AD7851 Datasheet HTML 24Page - Analog Devices AD7851 Datasheet HTML 25Page - Analog Devices AD7851 Datasheet HTML 26Page - Analog Devices AD7851 Datasheet HTML 27Page - Analog Devices AD7851 Datasheet HTML 28Page - Analog Devices AD7851 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
–25–
REV. A
AD7851
MODE 2 (3-Wire SPI/QSPI Interface Mode)
This is the DEFAULT INTERFACE MODE.
In Figure 35 below we have the timing diagram for Interface
Mode 2 which is the SPI/QSPI interface mode. Here the SYNC
input is active low and may be pulsed or tied permanently low.
If SYNC is permanently low 16 clock pulses must be applied to
the SCLK pin for the part to operate correctly, and with a
pulsed SYNC input a continuous SCLK may be applied pro-
vided SYNC is low for only 16 SCLK cycles. In Figure 35 the
SYNC
going low disables the three-state on the DOUT pin.
The first falling edge of the SCLK after the SYNC going low
clocks out the first leading zero on the DOUT pin. The DOUT
pin is 3-stated again a time t12 after the SYNC goes high. With
the DIN pin the data input has to be set up a time t7 before the
SCLK rising edge as the part samples the input data on the
SCLK rising edge in this case. The POLARITY pin may be
used to change the SCLK edge which the data is sampled on
and clocked out on. If resetting the interface is required, the
SYNC
must be taken high and then low.
DB0
DB10
3-STATE
3-STATE
DB12
DB13
DB14
DB15
DB11
DB12
DB0
DB10
DB11
DB13
DB14
DB15
t
3 = –0.4 tCLKIN MIN (NONCONTINUOUS SCLK) –/+0.4 tSCLK MIN/MAX (CONTINUOUS SCLK),
t
6 = 45 MAX, t7 = 30ns MIN, t8 = 20 MIN, t11 = 30 MIN (NONCONTINUOUS SCLK) ,
30/0.4 t
SCLK = ns MIN/MAX (CONTINUOUS SCLK)
POLARITY PIN
LOGIC HIGH
SYNC (I/P)
16
2345
16
SCLK (I/P)
t
9
t
5
t
11
t
3
t
10
t
12
DOUT (O/P)
t
8
DIN (I/P)
t
6
t
7
t
8
t
6
Figure 35. SPI/QSPI Mode 2 Timing Diagram for Read/Write Operation with DIN Input, DOUT Output and SYNC Input
(SM1 = SM2 = 0)
t
3 = –0.4 tCLKIN MIN (NONCONTINUOUS SCLK) –/+0.4 tSCLK MIN/MAX (CONTINUOUS SCLK),
t
6 = 45 MAX, t7 = 30ns MIN, t8 = 20 MIN, t11 = 30 MIN
DB0
DB10
3-STATE
3-STATE
DB12
DB13
DB14
DB15
DB11
DB12
DB0
DB10
DB11
DB13
DB14
DB15
POLARITY PIN
LOGIC HIGH
SYNC (I/P)
16
2345
16
SCLK (I/P)
t
9
t
5
t
11
t
3
t
10
t
12
DOUT (O/P)
t
8
DIN (I/P)
t
6
t
7
t
8
t
6
Figure 36. QSPI Mode 3 Timing Diagram for Read/Write Operation with SYNC Input Edge Triggered (SM1 = 0, SM2 = 1)
MODE 3 (QSPI Interface Mode)
Figure 36 shows the timing diagram for Interface Mode 3. In
this mode the DSP is the master and the part is the slave. Here
the SYNC input is edge triggered from high to low, and the 16
clock pulses are counted from this edge. Since the clock pulses
are counted internally then the SYNC signal does not have to go
high after the 16th SCLK rising edge as shown by the dotted
SYNC
line in Figure 36. Thus a frame sync that gives a high
pulse, of one SCLK cycle minimum duration, at the beginning
of the read/write operation may be used. The rising edge of
SYNC
enables the 3-state on the DOUT pin. The falling edge
of SYNC disables the 3-state on the DOUT pin, and data is
clocked out on the falling edge of SCLK. Once SYNC goes
high, the 3-state on the DOUT pin is enabled. The data input is
sampled on the rising edge of SCLK and thus has to be valid a
time t7 before this rising edge. The POLARITY pin may be
used to change the SCLK edge which the data is sampled on
and clocked out on. If resetting the interface is required, the
SYNC
must be taken high and then low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com