Electronic Components Datasheet Search
  English  ▼

X  

AD8009 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8009
Description  1 GHz, 5,500 V/us Low Distortion Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8009 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8009 Datasheet HTML 2Page - Analog Devices AD8009 Datasheet HTML 3Page - Analog Devices AD8009 Datasheet HTML 4Page - Analog Devices AD8009 Datasheet HTML 5Page - Analog Devices AD8009 Datasheet HTML 6Page - Analog Devices AD8009 Datasheet HTML 7Page - Analog Devices AD8009 Datasheet HTML 8Page - Analog Devices AD8009 Datasheet HTML 9Page - Analog Devices AD8009 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD8009
–6–
REV. B
1M
100k
10k
1k
0.01
0.1
100
1
GAIN
PHASE
RL = 100
1000
10
0
–40
–80
–120
FREQUENCY – MHz
–160
100
Figure 16. Transresistance and Phase vs. Frequency
FREQUENCY – MHz
0.03 0.1
100
10
10
0
–10
–20
–30
–40
–50
–60
–70
1
500
G = +2
RF = 301
RL = 100
100mV p–p ON TOP OF VS
–PSRR
+PSRR
Figure 17. PSRR vs. Frequency
FREQUENCY – Hz
300
0
10
100
250M
1k
10k
100k
1M
10M
100M
250
200
150
100
50
NONINVERTING CURRENT
INVERTING CURRENT
Figure 18. Current Noise vs. Frequency
–15
–20
–25
–30
–35
–40
–45
–50
–55
–60
–10
100
1
1000
10
FREQUENCY – MHz
V
IN =
200mVp–p
100
V
O
301
154
301
154
Figure 19. CMRR vs. Frequency
100
10
1
0.1
0.01
0.03 0.1
100
10
1
500
FREQUENCY – MHz
G = +2
RF = 301
Figure 20. Output Resistance vs. Frequency
0
10
8
6
4
2
FREQUENCY – Hz
10
100
250M
1k
10k
100k
1M
10M
100M
Figure 21. Voltage Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com