Electronic Components Datasheet Search
  English  ▼

X  

AD8009 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8009
Description  1 GHz, 5,500 V/us Low Distortion Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8009 Datasheet(HTML) 4 Page - Analog Devices

  AD8009 Datasheet HTML 1Page - Analog Devices AD8009 Datasheet HTML 2Page - Analog Devices AD8009 Datasheet HTML 3Page - Analog Devices AD8009 Datasheet HTML 4Page - Analog Devices AD8009 Datasheet HTML 5Page - Analog Devices AD8009 Datasheet HTML 6Page - Analog Devices AD8009 Datasheet HTML 7Page - Analog Devices AD8009 Datasheet HTML 8Page - Analog Devices AD8009 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD8009
–4–
REV. B
–Typical Performance Characteristics
FREQUENCY – MHz
10
100
3
2
1
0
–1
–6
–7
–2
–3
–4
–5
1
1000
R PACKAGE:
RL = 100
VO = 200mV p–p
G = +1, +2: RF = 301
G = +10: RF = 200
RT PACKAGE:
G = +1: RF = 332
G = +2: RF = 226
G = +10: RF = 191
G = +1, R
G = +10, R & RT
G = +2, R & RT
G = +1, RT
Figure 4. Frequency Response; G = +1, +2, +10, R and RT
Packages
7
6
5
4
3
2
1
0
–1
–2
8
100
1
1000
10
FREQUENCY – MHz
G = +2
RF = 301
RL = 150
VO AS SHOWN
4V p–p
2V p–p
Figure 5. Large Signal Frequency Response; G = +2
7
6
5
4
3
2
1
0
–1
–2
8
100
1
1000
10
FREQUENCY – MHz
G = +2
RF = 301
RL = 150
VO = 2V p–p
–40 C
+85 C
–40 C
+85 C
Figure 6. Large Signal Frequency Response vs.
Temperature; G = +2
6.1
6.0
5.9
5.8
5.7
5.6
5.5
5.4
5.3
5.2
6.2
FREQUENCY – MHz
10
100
1
1000
G = +2
RF = 301
RL = 150
VO = 200mV p–p
Figure 7. Gain Flatness; G = +2
21
20
19
18
17
16
15
14
13
12
22
100
1
1000
10
FREQUENCY – MHz
G = +10
RF = 200
RL = 100
VO AS SHOWN
2V p–p
4V p–p
Figure 8. Large Signal Frequency Response; G = +10
21
20
19
18
17
16
15
14
13
12
22
100
1
1000
10
FREQUENCY – MHz
G = +10
RF = 200
RL = 100
VO = 2V p–p
–40 C
+85 C
Figure 9. Large Signal Frequency Response vs.
Temperature; G = +10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com