Electronic Components Datasheet Search
  English  ▼

X  

AD8009 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8009
Description  1 GHz, 5,500 V/us Low Distortion Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8009 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8009 Datasheet HTML 3Page - Analog Devices AD8009 Datasheet HTML 4Page - Analog Devices AD8009 Datasheet HTML 5Page - Analog Devices AD8009 Datasheet HTML 6Page - Analog Devices AD8009 Datasheet HTML 7Page - Analog Devices AD8009 Datasheet HTML 8Page - Analog Devices AD8009 Datasheet HTML 9Page - Analog Devices AD8009 Datasheet HTML 10Page - Analog Devices AD8009 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD8009
–7–
REV. B
SOURCE RESISTANCE –
25
20
15
10
5
0
100
10
1
500
G = +10
RF = 301
RL = 100
Figure 22. Noise Figure
FREQUENCY – MHz
0.1
1
100
10
2.0
1.8
1.6
1.4
1.2
1
0
500
Figure 23. Input VSWR; G = +10
250
20
18
0
16
14
12
10
8
6
4
2
FREQUENCY – MHz
5
100
10
R
F
P
OUT
R
G
50
50
50
G = +2
RF = 301
G = +10
RF = 200
Figure 24. Maximum Output Power vs. Frequency
–70
–80
–90
–60
–50
–40
–30
–20
100
1
1000
10
FREQUENCY – MHz
G = +10
RF = 200
Figure 25. Reverse Isolation (S12 ); G = +10
2.0
1.8
1.6
1.4
1.2
1
0
2.2
FREQUENCY – MHz
0.1
1
100
10
C
COMP = 0pF
C
COMP = 3pF
200
49.9
C
COMP
49.9
22.1
500
Figure 26. Output VSWR; G = +10
10
0%
100
90
VOUT
VIN = 2VSTEP
250ns
2V
2V
G = +10
RF = 200
RL = 100
Figure 27. Overdrive Recovery; G = +10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com