Electronic Components Datasheet Search
  English  ▼

X  

AD8023 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8023
Description  High Current Output, Triple Video Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8023 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8023 Datasheet HTML 2Page - Analog Devices AD8023 Datasheet HTML 3Page - Analog Devices AD8023 Datasheet HTML 4Page - Analog Devices AD8023 Datasheet HTML 5Page - Analog Devices AD8023 Datasheet HTML 6Page - Analog Devices AD8023 Datasheet HTML 7Page - Analog Devices AD8023 Datasheet HTML 8Page - Analog Devices AD8023 Datasheet HTML 9Page - Analog Devices AD8023 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AD8023
REV. A
–6–
FREQUENCY – kHz
200
10
1
0.1
100
110
100
200
10
0
100
– I NOISE
+I NOISE
V NOISE
Figure 12. Input Current and Voltage Noise vs. Frequency
TEMPERATURE – C
450
400
250
–50
80
–40 –30 –20 –10
0
10203040506070
350
300
90 100
VS = 7.5V
SOURCE
SINK
Figure 13. Short Circuit Current vs. Temperature
FREQUENCY – Hz
10k
1
100
10
100
10
G = +1
VS = 7.5V
200
1k
Figure 14. Output Resistance vs. Frequency,
Disabled State
FREQUENCY – MHz
90
80
0
1
200
10
70
60
20
50
40
30
10
VS = 7.5V
VS = 2.5V
100
R
R
R
R
VCM
Figure 15. Common-Mode Rejection vs. Frequency
VS = 2.5V (+PSRR)
VS = 2.5V (–PSRR)
VS = 7.5V (–PSRR)
FREQUENCY – MHz
1
10
100
0
70
60
50
40
30
20
10
VS = 7.5V (+PSRR)
Figure 16. Power Supply Rejection Ratio vs. Frequency
2ND
3RD
FREQUENCY – MHz
0
–10
–90
1
100
10
–20
–30
–70
–40
–50
–60
–80
G = +1
VS = 7.5V
VO = 2V p-p
Figure 17. Harmonic Distortion vs. Frequency, RL = 150
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com