Electronic Components Datasheet Search
  English  ▼

X  

AD8023 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8023
Description  High Current Output, Triple Video Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8023 Datasheet(HTML) 3 Page - Analog Devices

  AD8023 Datasheet HTML 1Page - Analog Devices AD8023 Datasheet HTML 2Page - Analog Devices AD8023 Datasheet HTML 3Page - Analog Devices AD8023 Datasheet HTML 4Page - Analog Devices AD8023 Datasheet HTML 5Page - Analog Devices AD8023 Datasheet HTML 6Page - Analog Devices AD8023 Datasheet HTML 7Page - Analog Devices AD8023 Datasheet HTML 8Page - Analog Devices AD8023 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AD8023
Model
AD8023A
Conditions
VS
Min
Typ
Max
Units
POWER SUPPLY (Continued)
Power Supply Rejection Ratio
VS =
±2.5 V to ±7.5 V
dB
Input Offset Voltage
54
76
dB
–Input Current
0.03
µA/V
+Input Current
0.07
µA/V
DISABLE CHARACTERISTICS
Off Isolation
f = 6 MHz
–70
dB
Off Output Capacitance
G = +1
12
pF
Turn-On Time
50
ns
Turn-Off Time
RL = 150
Ω
30
ns
Switching Threshold
VTH – VEE
1.6
V
Specifications subject to change without notice.
–3–
REV. A
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage
. . . . . . . . . . . . . . . . . . . . . . . . . . 15.5 V Total
Internal Power Dissipation
Small Outline (R) . . . . 1.0 Watts (Observe Derating Curves)
Input Voltage (Common Mode) . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . .
±3 V (Clamped)
Output Voltage Limit
Maximum . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +VS
Minimum . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –VS
Output Short Circuit Duration
. . . . . . . . . . . . . . . . . . . . Observe Power Derating Curves
Storage Temperature Range
R Package . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +125°C
Operating Temperature Range
AD8023A . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . +300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD8023AR
–40
°C to +85°C 14-Lead Plastic SOIC R-14
AD8023AR-
–40
°C to +85°C 13" Tape and Reel
R-14
REEL
AD8023AR-
–40
°C to +85°C 7" Tape and Reel
R-14
REEL7
AD8023ACHIPS –40
°C to +85°CDie
Maximum Power Dissipation
The maximum power that can be safely dissipated by the AD8023
is limited by the associated rise in junction temperature. The
maximum safe junction temperature for the plastic encapsulated
parts is determined by the glass transition temperature of the
plastic, about 150
°C. Temporarily exceeding this limit may
cause a shift in parametric performance due to a change in the
stresses exerted on the die by the package. Exceeding a junction
temperature of 175
°C for an extended period can result in
device failure.
While the AD8023 is internally short circuit protected, this may
not be enough to guarantee that the maximum junction temper-
ature is not exceeded under all conditions. To ensure proper
operation, it is important to observe the derating curves.
It must also be noted that in (noninverting) gain configurations
(with low values of gain resistor), a high level of input overdrive
can result in a large input error current, which may result in a
significant power dissipation in the input stage. This power
must be included when computing the junction temperature rise
due to total internal power.
AMBIENT TEMPERATURE – C
2.5
2.0
0.5
–50
90
–40 –30 –20
0
1020
30
4050
6070
80
1.5
1.0
–10
TJ = +150 C
14-LEAD SOIC
Figure 3. Maximum Power Dissipation vs. Ambient
Temperature
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD8023 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recom-
mended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com