Electronic Components Datasheet Search
  English  ▼

X  

AD8023 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8023
Description  High Current Output, Triple Video Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8023 Datasheet(HTML) 4 Page - Analog Devices

  AD8023 Datasheet HTML 1Page - Analog Devices AD8023 Datasheet HTML 2Page - Analog Devices AD8023 Datasheet HTML 3Page - Analog Devices AD8023 Datasheet HTML 4Page - Analog Devices AD8023 Datasheet HTML 5Page - Analog Devices AD8023 Datasheet HTML 6Page - Analog Devices AD8023 Datasheet HTML 7Page - Analog Devices AD8023 Datasheet HTML 8Page - Analog Devices AD8023 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AD8023
REV. A
–4–
Figure 4. Input Common-Mode Voltage Range vs.
Supply Voltage
Typical Performance Characteristics
METALIZATION PHOTO
Contact factory for latest dimensions.
Dimensions shown in inches and (mm).
–IN1
6
+IN
5
–IN3
9
+IN 3
10
–VS
11
+VS
4
DISABLE 3
3
DISABLE 2
2
DISABLE 1
1
+IN 2
12
0.0634
(1.61)
0.0713
(1.81)
7
OUT 1
8
OUT 3
–IN 2
13
14
OUT 2
Figure 5. Output Voltage Swing vs. Load Resistance
SUPPLY VOLTAGE –
Volts
8
0
7
4
3
2
1
6
5
28
3456
7
LOAD RESISTANCE –
14
13
6
10
10k
100
1k
10
9
8
7
12
11
VS = 7.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com