Electronic Components Datasheet Search
  English  ▼

X  

AD8023 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8023
Description  High Current Output, Triple Video Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8023 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8023 Datasheet HTML 3Page - Analog Devices AD8023 Datasheet HTML 4Page - Analog Devices AD8023 Datasheet HTML 5Page - Analog Devices AD8023 Datasheet HTML 6Page - Analog Devices AD8023 Datasheet HTML 7Page - Analog Devices AD8023 Datasheet HTML 8Page - Analog Devices AD8023 Datasheet HTML 9Page - Analog Devices AD8023 Datasheet HTML 10Page - Analog Devices AD8023 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
–7–
REV. A
AD8023
FREQUENCY – Hz
100k
10
1k
1G
10k
10M
10k
100
1k
100k
1M
100M
Figure 18. Open-Loop Transimpedance vs. Frequency
OUTPUT VOLTAGE STEP – V p-p
1600
0
1400
800
600
400
200
1200
1000
0
6
1
2
34
5
G = +10
G = +1
G = +2
G = –1
Figure 19. Slew Rate vs. Output Step Size
Figure 20. Large Signal Pulse Response,
Gain = +1, (RF = 2 k
Ω, RL = 150 Ω, VS = ±7.5 V)
Figure 21. Small Signal Pulse Response, Gain = +1,
(RF = 2 k
Ω, RL = 150 Ω, VS = ±7.5 V)
SUPPLY VOLTAGE – V
1600
0
1400
800
600
400
200
1200
1000
28
34
5
6
7
G = –1
G = +2
G = +1
G = +10
Figure 22. Maximum Slew Rate vs. Supply Voltage
Figure 23. Large Signal Pulse Response,
Gain = +10, (RF = 274
Ω, RL = 150 Ω, VS = ±7.5 V)
V
IN
V
O
V
IN
V
O
V
IN
V
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com