Electronic Components Datasheet Search
  English  ▼

X  

AD8052 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8052
Description  Low Cost, High Speed Rail-to-Rail Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8052 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8052 Datasheet HTML 7Page - Analog Devices AD8052 Datasheet HTML 8Page - Analog Devices AD8052 Datasheet HTML 9Page - Analog Devices AD8052 Datasheet HTML 10Page - Analog Devices AD8052 Datasheet HTML 11Page - Analog Devices AD8052 Datasheet HTML 12Page - Analog Devices AD8052 Datasheet HTML 13Page - Analog Devices AD8052 Datasheet HTML 14Page - Analog Devices AD8052 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
–11–
AD8051/AD8052/AD8054
REV. B
1.50V
Figure 30. 100 mV Step Response, G = +1
20ns
2.50
2.60
2.40
Figure 31. AD8051/AD8052 200 mV Step Response;
VS = +5 V, G = +1
3.5
2.5
1.5
Figure 32. Large Signal Step Response; VS = +5 V, G = +2
5
2.5
Figure 33. Output Swing; G = –1, RL = +2 kΩ
2.55
2.50
2.45
Figure 34. AD8054 100 mV Step Response; VS = +5 V,
G = +1
4
3
2
1
1
2
3
4
Figure 35. Large Signal Step Response; VS =
±5 V, G = +1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com