Electronic Components Datasheet Search
  English  ▼

X  

AD8052 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8052
Description  Low Cost, High Speed Rail-to-Rail Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8052 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8052 Datasheet HTML 8Page - Analog Devices AD8052 Datasheet HTML 9Page - Analog Devices AD8052 Datasheet HTML 10Page - Analog Devices AD8052 Datasheet HTML 11Page - Analog Devices AD8052 Datasheet HTML 12Page - Analog Devices AD8052 Datasheet HTML 13Page - Analog Devices AD8052 Datasheet HTML 14Page - Analog Devices AD8052 Datasheet HTML 15Page - Analog Devices AD8052 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD8051/AD8052/AD8054
–14–
REV. B
AD8051
+5V
0.1 F
10 F
10 F
0.1 F
VREF
AVDD
SELECT
INA-I
VDD
10pF
CLK
SLEEP
D9
D1
D2
D3
D4
D5
D6
D7
D0
DVDD
AVSS
REFSENSE
AD9201
DVSS
THREE–STATE
INB-I
REFT-I
REFB-I
REFB-Q
REFT-Q
INB-Q
INA-Q
D8
5V
DATA OUT
0.1 F
22
10pF
22
10 F
0.1 F
5V
0.1 F
10 F
0.1 F
22
22
5V
22
1k
50
1k
10pF
10pF
0.1 F
10 F
0.1 F
0.1 F
10 F
0.1 F
1k
0.1 F
10 F
0.01 F
0.33 F
Figure 44. AD8051 Driving an AD9201, a 10-Bit 20 MSPS A/D Converter
applied to the noninverting input of the AD8051. The amplifier
output is 2 V p-p, which is the maximum input range of the
AD9201. The 22
Ω series resistor limits the maximum current
that flows and helps to lower the distortion of the A/D.
The AD9201 has differential inputs for each channel. These are
designated the A and B inputs. The B inputs of each channel are
connected to VREF (Pin 8) which supplies a positive reference
of 2.5 V. Each of the B inputs has a small low pass filter that
also helps to reduce distortion.
The output of the op amp is ac coupled into INA-I (Pin 2) via
two parallel capacitors to provide good high frequency and low
frequency coupling. The 1 k
Ω resistor references the signal to
VREF that is applied to INB-I. Thus, INA-I will swing both
positive and negative with respect to the bias voltage applied to
INB-I.
With the sampling clock running at 20 MSPS, the A/D output
was analyzed with a digital analyzer. Two input frequencies
were used, 1 MHz and 9.5 MHz, which is just short of the
Nyquist frequency. These signals were well filtered to minimize
any harmonics.
Figure 45 shows the FFT response of the A/D for the case of
1 MHz analog input. The SFDR is 71.66 dB and the A/D is
producing 8.8 ENOB (effective number of bits). When the
analog frequency was raised to 9.5 MHz, the SFDR was re-
duced to 60.18 dB and the A/D operated with 8.46 ENOBs as
shown in Figure 46. The inclusion of the AD8051 in the circuit
had no worsening of the distortion performance of the AD9201.
PART#
0
FCLK
FUND
VIN
THD
SNR
SINAD
ENOB
SFDR
2ND
3RD
4TH
5TH
6TH
7TH
8TH
9TH
FFTSIZE 8192
20.0E 6
998.5E 3
0.51dB
68.13
54.97
54.76
8.80
71.66
74.53
76.06
76.35
79.05
80.36
75.08
88.12
77.87
10.0
5.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
60.0
65.0
70.0
75.0
80.0
85.0
90.0
95.0
100.0
105.0
110.0
115.0
120.0
0.0E 0
1.0E 6
2.0E 6
3.0E 6
4.0E 6
5.0E 6
6.0E 6
7.0E 6
8.0E 6
9.0E 6
10.0E 6
2ND
3RD
4TH
5TH
6TH
7TH
8TH
9TH
FUND
Figure 45. FFT Plot for AD8051 Driving the AD9201 at
1 MHz
10.0
5.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
60.0
65.0
70.0
75.0
80.0
85.0
90.0
95.0
100.0
105.0
110.0
115.0
120.0
0.0E 0
1.0E 6
2.0E 6
3.0E 6
4.0E 6
5.0E 6
6.0E 6
7.0E 6
8.0E 6
9.0E 6
10.0E 6
PART#
0
FCLK
FUND
VIN
THD
SNR
SINAD
ENOB
SFDR
2ND
3RD
4TH
5TH
6TH
7TH
8TH
9TH
FFTSIZE 8192
20.0E 6
9.5E 6
0.44dB
57.08
54.65
52.69
8.46
60.18
60.18
60.23
82.01
78.83
81.28
77.28
84.54
92.78
FUND
3RD
4TH
6TH
7TH
8TH
2ND
Figure 46. FFT Plot for AD8051 Driving the AD9201 at
9.5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com