Electronic Components Datasheet Search
  English  ▼

X  

AD8052 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8052
Description  Low Cost, High Speed Rail-to-Rail Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8052 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8052 Datasheet HTML 8Page - Analog Devices AD8052 Datasheet HTML 9Page - Analog Devices AD8052 Datasheet HTML 10Page - Analog Devices AD8052 Datasheet HTML 11Page - Analog Devices AD8052 Datasheet HTML 12Page - Analog Devices AD8052 Datasheet HTML 13Page - Analog Devices AD8052 Datasheet HTML 14Page - Analog Devices AD8052 Datasheet HTML 15Page - Analog Devices AD8052 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8051/AD8052/AD8054
–12–
REV. B
Overdrive Recovery
Overdrive of an amplifier occurs when the output and/or input
range are exceeded. The amplifier must recover from this over-
drive condition. As shown in Figure 36, the AD8051/AD8052/
AD8054 recovers within 60 ns from negative overdrive and
within 45 ns from positive overdrive.
Figure 36. Overdrive Recovery
Driving Capacitive Loads
Consider the AD8051/AD8052 in a closed-loop gain of +1 with
+VS = 5 V and a load of 2 k
Ω in parallel with 50 pF. Figures 37
and 38 show its frequency and time domain responses, respec-
tively, to a small-signal excitation. The capacitive load drive of
the AD8051/AD8052/AD8054 can be increased by adding a
low valued resistor in series with the load. Figures 39 and 40
show the effect of a series resistor on capacitive drive for varying
voltage gains. As the closed-loop gain is increased, the larger
phase margin allows for larger capacitive loads with less peak-
ing. Adding a series resistor with lower closed-loop gains ac-
complishes the same effect. For large capacitive loads, the
frequency response of the amplifier will be dominated by the
roll-off of the series resistor and the load capacitance.
FREQUENCY – MHz
500
0.1
1
10
100
VS = +5V
G = +1
RL = 2k
CL = 50pF
VO = 200mV p-p
8
6
4
2
0
2
4
6
8
10
Figure 37. AD8051/AD8052 Closed-Loop Frequency
Response: CL = 50 pF
2.60
2.55
2.50
2.45
2.40
Figure 38. AD8051/AD8052 200 mV Step Response:
CL = 50 pF
VS = +5V
30%
OVERSHOOT
RS = 3
RS = 0
RG
RF
CL
RS
VOUT
VIN
100mV STEP
50
10000
1000
1
16
2
345
100
10
A CL – V/V
Figure 39. AD8051/AD8052 Capacitive Load Drive vs.
Closed-Loop Gain
VS = +5V
30%
OVERSHOOT
RG
RF
CL
RS
VOUT
VIN
100mV STEP
50
RS = 10
RS = 0
A CL – V/V
1000
100
10
16
2
345
Figure 40. AD8054 Capacitive Load Drive vs. Closed-Loop
Gain
Circuit Description
The AD8051/AD8052/AD8054 is fabricated on Analog Devices’
proprietary eXtra-Fast Complementary Bipolar (XFCB) pro-
cess, which enables the construction of PNP and NPN transis-
tors with similar fTs in the 2 GHz–4 GHz region. The process is
dielectrically isolated to eliminate the parasitic and latch-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com