Electronic Components Datasheet Search
  English  ▼

X  

AD8052 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8052
Description  Low Cost, High Speed Rail-to-Rail Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8052 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8052 Datasheet HTML 8Page - Analog Devices AD8052 Datasheet HTML 9Page - Analog Devices AD8052 Datasheet HTML 10Page - Analog Devices AD8052 Datasheet HTML 11Page - Analog Devices AD8052 Datasheet HTML 12Page - Analog Devices AD8052 Datasheet HTML 13Page - Analog Devices AD8052 Datasheet HTML 14Page - Analog Devices AD8052 Datasheet HTML 15Page - Analog Devices AD8052 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
–15–
AD8051/AD8052/AD8054
REV. B
Sync Stripper
Synchronizing pulses are sometimes carried on video signals so
as not to require a separate channel to carry the synchronizing
information. However, for some functions, like A/D conversion,
it is not desirable to have the sync pulses on the video signal.
These pulses will reduce the dynamic range of the video signal
and do not provide any useful information for such a function.
A sync stripper will remove the synchronizing pulses from a
video signal while passing all the useful video information. Fig-
ure 47 shows a practical single supply circuit that uses only a
single AD8051. It is capable of directly driving a reverse termi-
nated video line.
AD8051
0.1 F
10 F
+
R1
1k
R2
1k
100
TO A/D
+0.8V
(OR 2
VBLANK)
VIN
+3V OR +5V
VBLANK
GROUND
+0.4V
VIDEO WITH SYNC
GROUND
VIDEO WITHOUT SYNC
Figure 47. Sync Stripper
The video signal plus sync is applied to the noninverting input
with the proper termination. The amplifier gain is set equal to
two via the two 1 k
Ω resistors in the feedback circuit. A bias
voltage must be applied to R1 in order that the input signal has
the sync pulses stripped at the proper level.
The blanking level of the input video pulse is the desired place
to remove the sync information. This level is multiplied by two
by the amplifier. This level must be at ground at the output in
order for the sync stripping action to take place. Since the gain
of the amplifier from the input of R1 to the output is –1, a volt-
age equal to 2
× V
BLANK must be applied to make the blanking
level come out at ground.
Single Supply Composite Video Line Driver
Many composite video signals have their blanking level at
ground and have video information that is both positive and
negative. Such signals require dual supply amplifiers to pass
them. However, by ac level shifting a single supply amplifier can
be used to pass these signals. The following complications may
arise from such techniques.
Signals of bounded peak-to-peak amplitude that vary in duty
cycle require larger dynamic swing capacity than their (bounded)
peak to peak amplitude after they are ac coupled. As a worst
case, the dynamic signal swing will approach twice the peak-
to-peak value. The two conditions that define the maximum
dynamic wing requirements are a signal that is mostly low, but
goes high with a duty cycle that is a small fraction of a percent.
The opposite condition defines the other extreme.
The worst case of composite video is not quite this demanding.
One bounding condition is a signal that is mostly black for an
entire frame, but has a white (full amplitude) minimum width
spike at least once in a frame.
The other extreme is for a full white video signal. The blanking
intervals and sync tips of such a signal will have negative-going
excursions is compliance with the composite video specifica-
tions. The combination of horizontal and vertical blanking inter-
vals limit such a signal to being at the highest (white) level for a
maximum of about 75% of the time.
As a result of the duty cycles between the two extremes pre-
sented above, a 1 V p-p composite video signal that is multiplied
by a gain of two requires about 3.2 V p-p of dynamic voltage
swing at the output for an op amp to pass a composite video
signal of arbitrary varying duty cycle without distortion.
Some circuits use a sync tip clamp to hold the sync tips at a
relatively constant level in order to lower the amount of dynamic
signal swing required. However, these circuits can have artifacts
like sync tip compression unless they are driven by a source with
a very low output impedance. The AD8051/AD8052/AD8054
have adequate signal swing when running on a single +5 V
supply to handle an ac coupled composite video signal.
The input to the circuit in Figure 48 is a standard composite
(1 V p-p) video signal that has the blanking level at ground. The
input network level shifts the video signal by means of ac cou-
pling. The noninverting input of the op amp is biased to half of
the supply voltage.
The feedback circuit provides unity gain for the dc biasing of the
input, and provides a gain of two for any signals that are in the
video bandwidth. The output is ac coupled and terminated to
drive the line.
The capacitor values were selected for providing minimum “tilt”
or field time distortion of the video signal. These values would
be required for video that is considered to be studio or broad-
cast quality. However, if a lower consumer grade of video,
sometimes referred to as “consumer video” is all that is desired,
the values and the cost of the capacitors can be reduced by as
much as a factor of five with minimum visible degradation in the
picture.
AD8051
RG
1k
RF
1k
+5V
IN
+
10 F
4.99k
220 F
+
1000 F
0.1 F
RBT
75
10 F
+
47 F
4.99k
RT
75
RL
75
VOUT
COMPOSITE
VIDEO
0.1 F
10 F
+
Figure 48. Single Supply Composite Video Line Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com