Electronic Components Datasheet Search
  English  ▼

X  

AO7413 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AO7413
Description  20V P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO7413 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AO7413 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO7413 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO7413 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO7413 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO7413 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AO7413
20V P-Channel MOSFET
General Description
Product Summary
VDS
-20V
ID (at VGS=-10V)
-1.4A
RDS(ON) (at VGS= -10V)
< 113m
Ω
RDS(ON) (at VGS= -4.5V)
< 135m
Ω
RDS(ON) (at VGS= -2.5V)
< 180m
Ω
Typical ESD protection
HBM Class 2
Symbol
VDS
The AO7413 uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with gate
voltages as low as 2.5V. This device is suitable for use as
a load switch applications.
V
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
Drain-Source Voltage
-20
S
G
D
S
G
D
SC-70
(SOT-323)
Top View
VDS
VGS
IDM
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJL
°C/W
°C/W
Maximum Junction-to-Ambient
A D
280
425
320
-13
TA=25°C
TA=70°C
Pulsed Drain Current
C
Continuous Drain
Current
Maximum Junction-to-Lead
Junction and Storage Temperature Range
Parameter
Typ
Max
V
Units
V
±12
Gate-Source Voltage
Drain-Source Voltage
-20
A
ID
-1.4
-1.2
°C/W
RθJA
300
350
360
Maximum Junction-to-Ambient
A
-55 to 150
°C
Thermal Characteristics
Power Dissipation
B
PD
TA=25°C
W
0.35
0.22
TA=70°C
Rev 4: Nov 2011
www.aosmd.com
Page 1 of 5


Similar Part No. - AO7413

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
AO7413L AOSMD-AO7413L Datasheet
114Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AO7413

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2313 TSC-TSM2313 Datasheet
360Kb / 6P
20V P-Channel MOSFET
TSM9434 TSC-TSM9434 Datasheet
359Kb / 6P
20V P-Channel MOSFET
TSM2301 TSC-TSM2301_07 Datasheet
346Kb / 6P
20V P-Channel MOSFET
TSM3441 TSC-TSM3441_07 Datasheet
392Kb / 6P
20V P-Channel MOSFET
TSM2305 TSC-TSM2305 Datasheet
384Kb / 6P
20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3413 AOSMD-AO3413_10 Datasheet
462Kb / 5P
20V P-Channel MOSFET
AOC2415 AOSMD-AOC2415 Datasheet
248Kb / 5P
20V P-Channel MOSFET
AON1611 AOSMD-AON1611 Datasheet
226Kb / 5P
20V P-Channel MOSFET
AON7407 AOSMD-AON7407 Datasheet
248Kb / 6P
20V P-Channel MOSFET
AO7417 AOSMD-AO7417_13 Datasheet
1Mb / 4P
20V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com