Electronic Components Datasheet Search
  English  ▼

X  

AO7413 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO7413
Description  20V P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO7413 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO7413 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO7413 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO7413 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO7413 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO7413 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AO7413
Symbol
Min
Typ
Max
Units
BVDSS
-20
V
VDS=-20V, VGS=0V
-1
TJ=55°C
-5
IGSS
±10
µA
VGS(th)
Gate Threshold Voltage
-0.5
-0.85
-1.2
V
ID(ON)
-13
A
94
113
TJ=125°C
130
160
111
135
m
Ω
150
180
m
Ω
gFS
5
S
VSD
-0.76
-1
V
IS
-1
A
Ciss
250
325
400
pF
Coss
40
63
85
pF
Crss
22
37
52
pF
Rg
11.2
17
Ω
Qg
3.2
4.5
nC
Qgs
0.6
nC
Qgd
0.9
nC
tD(on)
11
ns
t
5.5
ns
V
=-10V, V =-10V, R =7.1
Ω,
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Diode Forward Voltage
Forward Transconductance
VGS=-4.5V, VDS=-5V
VGS=-10V, ID=-1.4A
VGS=-4.5V, ID=-1.3A
Drain-Source Breakdown Voltage
On state drain current
IS=-1A,VGS=0V
VDS=-5V, ID=-1.4A
VGS=-2.5V, ID=-1.1A
ID=-250µA, VGS=0V
IDSS
µA
VDS=VGS, ID=-250µΑ
VDS=0V, VGS= ±12V
Zero Gate Voltage Drain Current
Gate-Body leakage current
m
Ω
Static Drain-Source On-Resistance
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
DYNAMIC PARAMETERS
RDS(ON)
Total Gate Charge
VGS=-4.5V, VDS=-10V, ID=-1.4A
Gate Source Charge
Reverse Transfer Capacitance
VGS=0V, VDS=-10V, f=1MHz
SWITCHING PARAMETERS
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-On Rise Time
Gate Drain Charge
Turn-On DelayTime
tr
5.5
ns
tD(off)
22
ns
tf
8
ns
trr
6.1
ns
Qrr
1.4
nC
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
VGS=-10V, VDS=-10V, RL=7.1Ω,
RGEN=3Ω
Body Diode Reverse Recovery Charge IF=-1.4A, dI/dt=100A/µs
Turn-On Rise Time
Turn-Off DelayTime
IF=-1.4A, dI/dt=100A/µs
Turn-Off Fall Time
Body Diode Reverse Recovery Time
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using ≤ 10s junction-to-ambient thermal resistance.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep
initialT
J=25°C.
D. The RθJA is the sum of the thermal impedance from junction to lead RθJL and lead to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-ambient thermal impedance which is measured with the device mounted on 1in2 FR-4 board with
2oz. Copper, assuming a maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
Rev 4: Nov 2011
www.aosmd.com
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com