Electronic Components Datasheet Search
  English  ▼

X  

AO7413 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AO7413
Description  20V P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO7413 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AO7413 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO7413 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO7413 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO7413 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO7413 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AO7413
AO7413
VDC
Ig
Vds
DUT
VDC
Vgs
Vgs
Qg
Qgs
Qgd
Charge
Gate Charge Test Circuit & Waveform
-10V
D U T
L
V gs
Isd
D iode R e covery T e st C ircuit & W aveform s
Vd s -
V ds +
dI/d t
rr
Q
= -
Idt
t
rr
-Isd
F
-I
V DC
D U T
V dd
Vgs
V ds
V gs
R L
R g
R esistive S w itching Test C ircuit & W aveform s
Vgs
V ds
t
t
t
t
t
t
90%
10%
r
o n
d(o ff)
f
o ff
d(o n)
Ig
V gs
-
+
V D C
Isd
dI/d t
R M
V dd
V dd
-Vd s
-I
Rev 4: Nov 2011
www.aosmd.com
Page 5 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com