Electronic Components Datasheet Search
  English  ▼

X  

AO7413 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AO7413
Description  20V P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO7413 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AO7413 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO7413 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO7413 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO7413 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO7413 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AO7413
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
2
4
6
8
10
0
1
2
3
4
-V
GS(Volts)
Figure 2: Transfer Characteristics (Note E)
80
100
120
140
160
180
0
1
2
3
4
-I
D (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage (Note E)
0.80
1.00
1.20
1.40
1.60
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
(Note E)
25°C
125°C
V
DS=-5V
V
GS=-2.5V
V
GS=-10V
V
GS=-4.5V
I
D=-1.1A, VGS=-2.5V
I
D=-1.3A, VGS=-4.5V
I
D=-1.4A, VGS=-10V
0
5
10
15
20
25
0
1
2
3
4
5
-V
DS (Volts)
Fig 1: On-Region Characteristics (Note E)
V
GS=-1.5V
-4V
-10V
-2.5V
-3.5V
-9V
-8V
-7V
-6V
-3V
-2V
-5V
Voltage (Note E)
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-V
SD (Volts)
Figure 6: Body-Diode Characteristics (Note E)
25°C
125°C
(Note E)
80
120
160
200
240
280
320
360
0
2
4
6
8
-V
GS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
(Note E)
I
D=-1.4A
25°C
125°C
Rev 4: Nov 2011
www.aosmd.com
Page 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com