Electronic Components Datasheet Search
  English  ▼

X  

AD842 Datasheet(PDF) 5 Page - Analog Devices

Part # AD842
Description  Wideband, High Output Current, Fast Settling Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD842 Datasheet(HTML) 5 Page - Analog Devices

  AD842 Datasheet HTML 1Page - Analog Devices AD842 Datasheet HTML 2Page - Analog Devices AD842 Datasheet HTML 3Page - Analog Devices AD842 Datasheet HTML 4Page - Analog Devices AD842 Datasheet HTML 5Page - Analog Devices AD842 Datasheet HTML 6Page - Analog Devices AD842 Datasheet HTML 7Page - Analog Devices AD842 Datasheet HTML 8Page - Analog Devices AD842 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AD842
–5–
REV. E
FREQUENCY – Hz
120
0
100
1k
100M
10k
100k
1M
10M
100
80
60
40
20
100
80
60
40
20
0
500
LOAD
Figure 10. Open-Loop Gain and
Phase Margin vs. Frequency
FREQUENCY – Hz
120
100
20
1k
10k
100M
100k
1M
10M
80
60
40
VS =
15V
VCM = 1V p-p
+ 25 C
Figure 13. Common-Mode
Rejection vs. Frequency
3V RMS
RL = 1k
FREQUENCY – Hz
–80
–90
–140
100
1k
100k
10k
–100
–110
–130
–120
3RD HARMONIC
2ND HARMONIC
Figure 16. Harmonic Distortion vs.
Frequency
SUPPLY VOLTAGE –
V
110
105
90
05
20
10
15
100
95
500
LOAD
Figure 11. Open-Loop Gain vs.
Supply Voltage
FREQUENCY – Hz
30
25
0
1M
10M
100M
20
15
10
5
RL = 1kV
+25 C
VS = 15V
Figure 14. Large Signal Frequency
Response
FREQUENCY – Hz
50
40
0
10
100
10M
1k
10k
100k
1M
30
20
10
Figure 17. Input Voltage vs.
Frequency
FREQUENCY – Hz
120
0
100
1k
100M
10k
100k
1M
10M
100
80
60
40
20
+ SUPPLY
– SUPPLY
Figure 12. Power Supply Rejection
vs. Frequency
SETTLING TIME – ns
10
–10
30
40
110
50
60
70
80
90
100
8
2
0
–4
–8
6
4
–2
–6
0.1%
0.1%
0.01%
0.01%
Figure 15. Output Swing and
Error vs. Settling Time
TEMPERATURE – C
550
400
250
–60 –40
140
–20
0
20 40
60
80 100 120
500
450
350
300
Figure 18.
Slew Rate vs.
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com