Electronic Components Datasheet Search
  English  ▼

X  

AD842 Datasheet(PDF) 3 Page - Analog Devices

Part # AD842
Description  Wideband, High Output Current, Fast Settling Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD842 Datasheet(HTML) 3 Page - Analog Devices

  AD842 Datasheet HTML 1Page - Analog Devices AD842 Datasheet HTML 2Page - Analog Devices AD842 Datasheet HTML 3Page - Analog Devices AD842 Datasheet HTML 4Page - Analog Devices AD842 Datasheet HTML 5Page - Analog Devices AD842 Datasheet HTML 6Page - Analog Devices AD842 Datasheet HTML 7Page - Analog Devices AD842 Datasheet HTML 8Page - Analog Devices AD842 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AD842
–3–
REV. E
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2
Plastic (N) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.3 W
Cerdip (Q) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.1 W
TO-8 (H) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.3 W
SOIC (R) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.3 W
LCC (E) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0 W
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±VS
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . .
±6 V
Storage Temperature Range
Q, H, E . . . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
N, R . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +125°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +175
°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Maximum internal power dissipation is specified so that T
J does not exceed
+150
°C at an ambient temperature of +25°C.
Thermal Characteristics:
θ
JC
θ
JA
θ
SA
Plastic Package
30
°C/W
100
°C/W
Cerdip Package
30
°C/W
110
°C/W
38
°C/W
TO-8 Package
30
°C/W
100
°C/W
27
°C/W
16-Lead SOIC Package 30
°C/W
100
°C/W
20-Lead LCC Package 35
°C/W
150
°C/W
Recommended Heat Sink: Aavid Engineering© #602B
METALIZATION PHOTOGRAPH
Contact factory for latest dimensions.
Dimensions shown in inches and (mm).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com