Electronic Components Datasheet Search
  English  ▼

X  

AD842 Datasheet(PDF) 4 Page - Analog Devices

Part # AD842
Description  Wideband, High Output Current, Fast Settling Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD842 Datasheet(HTML) 4 Page - Analog Devices

  AD842 Datasheet HTML 1Page - Analog Devices AD842 Datasheet HTML 2Page - Analog Devices AD842 Datasheet HTML 3Page - Analog Devices AD842 Datasheet HTML 4Page - Analog Devices AD842 Datasheet HTML 5Page - Analog Devices AD842 Datasheet HTML 6Page - Analog Devices AD842 Datasheet HTML 7Page - Analog Devices AD842 Datasheet HTML 8Page - Analog Devices AD842 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AD842
–4–
REV. E
SUPPLY VOLTAGE –
Volts
20
15
0
05
20
10
15
10
5
VIN
Figure 1. Input Common-Mode
Range vs. Supply Voltage
SUPPLY VOLTAGE –
Volts
18
16
10
05
20
10
15
14
12
Figure 4. Quiescent Current vs.
Supply Voltage
TEMPERATURE – C
18
15
10
–60 –40
140
–20
0
20
40
60
80 100 120
17
16
13
11
14
12
Figure 7. Quiescent Current vs.
Temperature
–Typical Characteristics (at +25 C and V
S =
15 V, unless otherwise noted)
SUPPLY VOLTAGE –
Volts
20
15
0
05
20
10
15
10
5
VOUT
Figure 2. Output Voltage Swing
vs. Supply Voltage
TEMPERATURE – C
–5
–4
–2
–60 –40
140
–20
0
20
40
60
80 100 120
–3
Figure 5. Input Bias Current vs.
Temperature
AMBIENT TEMPERATURE – C
300
225
100
–60 –40
140
–20
0
20
40
60
80 100 120
275
250
175
125
200
150
–OUTPUT CURRENT
+ OUTPUT CURRENT
Figure 8. Short-Circuit Current
Limit vs. Temperature
LOAD RESISTANCE –
30
25
0
10
100
10k
1k
20
15
5
10
15V SUPPLIES
Figure 3. Output Voltage Swing
vs. Load Resistance
FREQUENCY – Hz
100
10
0.01
10k
100k
100M
1M
10M
1
0.1
Figure 6. Output Impedance vs.
Frequency
TEMPERATURE – C
85
80
65
–60 –40
140
–20
0
20
40
60
80 100 120
75
70
Figure 9. Gain Bandwidth Product
vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com