Electronic Components Datasheet Search
  English  ▼

X  

AD842 Datasheet(PDF) 2 Page - Analog Devices

Part # AD842
Description  Wideband, High Output Current, Fast Settling Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD842 Datasheet(HTML) 2 Page - Analog Devices

  AD842 Datasheet HTML 1Page - Analog Devices AD842 Datasheet HTML 2Page - Analog Devices AD842 Datasheet HTML 3Page - Analog Devices AD842 Datasheet HTML 4Page - Analog Devices AD842 Datasheet HTML 5Page - Analog Devices AD842 Datasheet HTML 6Page - Analog Devices AD842 Datasheet HTML 7Page - Analog Devices AD842 Datasheet HTML 8Page - Analog Devices AD842 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
–2–
REV. E
AD842–SPECIFICATIONS
Model
AD842J/JR
1
AD842K
AD842S
2
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
INPUT OFFSET VOLTAGE
3
0.5
1.5
0.3
1.0
0.5
1.5
mV
TMIN–TMAX
2.5/3
1.5
3.5
mV
Offset Drift
14
14
14
µV/°C
INPUT BIAS CURRENT
4.2
8
3.5
5
4.2
8
µA
TMIN–TMAX
10
612
µA
Input Offset Current
0.1
0.4
0.05
0.2
0.1
0.4
µA
TMIN–TMAX
0.5
0.3
0.6
µA
INPUT CHARACTERISTICS
Differential Mode
Input Resistance
100
100
100
k
Ω
Input Capacitance
2.0
2.0
2.0
pF
INPUT VOLTAGE RANGE
Common Mode
10
10
10
V
Common-Mode Rejection
VCM =
±10 V
86
115
90
115
86
115
dB
TMIN–TMAX
80
86
80
dB
INPUT VOLTAGE NOISE
f = 1 kHz
9
9
9
nV/
√Hz
Wideband Noise
10 Hz to 10 MHz
28
28
28
µV rms
OPEN-LOOP GAIN
VO =
±10 V
RLOAD
≥ 500 Ω
40/30
90
50
90
40
90
V/mV
TMIN–TMAX
20/15
25
20
V/mV
OUTPUT CHARACTERISTICS
Voltage
RLOAD
≥ 500 Ω
10
10
10
V
Current
VOUT =
±10 V
100
100
100
mA
Open Loop
5
5
5
Ω
FREQUENCY RESPONSE
Gain Bandwidth Product
VOUT = 90 mV
80
80
80
MHz
Full Power Bandwidth
4
VO = 20 V p-p
RLOAD
≥ 500 Ω
4.7
6
4.7
6
4.7
6
MHz
Rise Time
5
AVCL = –2
10
10
10
ns
Overshoot
5
AVCL = –2
20
20
20
%
Slew Rate
5
AVCL = –2
300
375
300
375
300
375
V/
µs
Settling Time
5
10 V Step
to 0.1%
80
80
80
ns
to 0.01%
100
100
100
ns
Differential Gain
f = 4.4 MHz
0.015
0.015
0.015
%
Differential Phase
f = 4.4 MHz
0.035
0.035
0.035
Degree
POWER SUPPLY
Rated Performance
±15
±15
±15
V
Operating Range
5
18
5
18
5
18
V
Quiescent Current
13/14
14/16
13
14
13
14
mA
TMIN–TMAX
16/19.5
16
19
mA
Power Supply Rejection Ratio
VS =
±5 V to ±18 V
86
100
90
105
86
100
dB
TMIN–TMAX
80
86
80
dB
TEMPERATURE RANGE
Rated Performance
6
0
+75
0
+75
–55
+125
°C
PACKAGE OPTIONS
Plastic (N-14)
AD842JN
AD842KN
Cerdip (Q-14)
AD842JQ
AD842KQ
AD842SQ, AD842SQ/883B
SOIC (R-16)
AD842JR-16
Tape and Reel
AD842JR-16-REEL
AD842JR-16-REEL7
TO-8 (H-12A)
AD842JH
AD842KH
AD842SH
LCC (E-20A)
AD842SE/883B
Chips
AD842JCHIPS
AD842SCHIPS
NOTES
1AD842JR specifications differ from those of the AD842JN, JQ and JH due to the thermal characteristics of the SOIC package.
2Standard Military Drawing available 5962-8964201xx
2A – (SE/883B); XA – (SH/883B); CA – (SQ/883B).
3Input offset voltage specifications are guaranteed after 5 minutes at T
A = +25
°C.
4Full power bandwidth = slew rate/2
π VPEAK.
5Refer to Figures 22 and 23.
6“S” grade T
MIN–TMAX specifications are tested with automatic test equipment at TA = –55
°C and TA = +125°C.
All min and max specifications are guaranteed. Specifications shown in boldface are tested on all production units.
Specifications subject to change without notice.
(@ +25 C and
15 V dc, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com