Electronic Components Datasheet Search
  English  ▼

X  

AD8600 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8600
Description  16-Channel, 8-Bit Multiplying DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8600 Datasheet(HTML) 5 Page - Analog Devices

  AD8600 Datasheet HTML 1Page - Analog Devices AD8600 Datasheet HTML 2Page - Analog Devices AD8600 Datasheet HTML 3Page - Analog Devices AD8600 Datasheet HTML 4Page - Analog Devices AD8600 Datasheet HTML 5Page - Analog Devices AD8600 Datasheet HTML 6Page - Analog Devices AD8600 Datasheet HTML 7Page - Analog Devices AD8600 Datasheet HTML 8Page - Analog Devices AD8600 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8600
REV. 0
–5–
PIN DESCRIPTION
Pin No.
Name
Description
1
NC
No Connection
2VREF
Reference input voltage common
to all DACs.
3
DACGND
DAC Analog Ground Return. Sets
analog zero-scale voltage.
4VCC
Output Amplifier Positive Supply
5VEE
Output Amplifier Negative Supply
6
O7
DAC Channel Output No. 7
7
O6
DAC Channel Output No. 6
8
O5
DAC Channel Output No. 5
9
O4
DAC Channel Output No. 4
10
O3
DAC Channel Output No. 3
11
O2
DAC Channel Output No. 2
12
O1
DAC Channel Output No. 1
13
O0
DAC Channel Output No. 0
14
VDD1
Digital Logic Power Supply
15
RS
Active Low Reset Input Pin
16
DB0
Data Bit Zero I/O (LSB)
17
DB1
Data Bit I/O
18
DB2
Data Bit I/O
19
DB3
Data Bit I/O
20
DB4
Data Bit I/O
21
DB5
Data Bit I/O
22
DB6
Data Bit I/O
23
DB7
Most Significant Data Bit I/O (MSB)
24
A0
Address Bit Zero (LSB)
25
A1
Address Bit
26
A2
Address Bit
27
A3
Most Significant Addr Bit (MSB)
28
R/W
Read/Write Select Control Input
29
EN
Active Low Enable Clock Strobe
30
CS
Chip Select Input
31
LD
DAC Register Load Strobe
32
DGND1
Digital Ground Input No. 1
33
O15
DAC Channel Output No. 15
34
O14
DAC Channel Output No. 14
35
O13
DAC Channel Output No. 13
36
O12
DAC Channel Output No. 12
37
O11
DAC Channel Output No. 11
38
O10
DAC Channel Output No. 10
39
O9
DAC Channel Output No. 9
40
O8
DAC Channel Output No. 8
41
VEE
Output Amplifier Negative Supply
42
VCC
Output Amplifier Positive Supply
43
DGND2
Digital Ground Input No. 2
44
VDD2
DAC Analog Supply Voltage
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8600 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
(TA= +25°C unless otherwise noted)
VDD1 (Digital Supply) to GND . . . . . . . . . . . . . . –0.3 V, +7 V
VDD2 (DAC Buffer/Driver Supply) . . . . . . . . . . . . –0.3 V, +7 V
VCC (Analog Supply) to GND . . . . . . . . . . . . . . . –0.3 V, +7 V
VEE (Analog Supply) to GND . . . . . . . . . . . . . . . +0.3 V, –7 V
VREF to GND . . . . . . . . . . . . . . . . . . . . . . –0.3 V, VCC + 0.3 V
VDD2 to VREF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V
VOUT to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VCC
Short Circuit Duration
VOUT to GND or Power Supplies
1
. . . . . . . . . . . . . . .
Continuous
Digital Input/Output Voltage to GND . . . –0.3 V, VDD + 0.3 V
Thermal Resistance–Theta Junction-to-Ambient (
θ
JA)
PLCC-44 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
°C/W
Package Power Dissipation . . . . . . . . . . . . . . . . (TJ – TA)/
θ
JA
Maximum Junction Temperature TJ max . . . . . . . . . . . 150°C
Operating Temperature Range . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300
°C
NOTE
1No more than four outputs may be shorted to power or GND simultaneously.
PIN CONFIGURATION
NC = NO CONNECT
O9
O10
O13
O14
O15
O11
O12
O6
O5
O2
O1
O0
O4
O3
LD
CS
EN
DGND1
RS
DB0
DB1
VDD1
44
1
2
64
5
21
24
23
22
18
20
19
39
38
35
34
33
37
36
3
7
8
11
12
13
9
10
40
41
42
25
28
27
26
43
31
30
29
32
15
16
17
14
TOP VIEW
(Not to Scale)
AD8600
ORDERING GUIDE
Package
Package
Model
Temperature
Description
Option
AD8600AP
–40
°C to +85°C 44-Lead PLCC P-44A
AD8600Chips
+25
°C
Die*
*For die specifications contact your local Analog Devices sales office.
The AD8600 contains 5782 transistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com