Electronic Components Datasheet Search
  English  ▼

X  

AD8600 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8600
Description  16-Channel, 8-Bit Multiplying DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8600 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8600 Datasheet HTML 5Page - Analog Devices AD8600 Datasheet HTML 6Page - Analog Devices AD8600 Datasheet HTML 7Page - Analog Devices AD8600 Datasheet HTML 8Page - Analog Devices AD8600 Datasheet HTML 9Page - Analog Devices AD8600 Datasheet HTML 10Page - Analog Devices AD8600 Datasheet HTML 11Page - Analog Devices AD8600 Datasheet HTML 12Page - Analog Devices AD8600 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8600
REV. 0
–9–
Power Supply and Grounding Considerations
The low power consumption of the AD8600 is a direct result of
circuit design optimizing using a CBCMOS process. The over-
all power dissipation of 120 mW translates to a total supply cur-
rent of only 24 mA for 16 DACs. Thus, each DAC consumes
only 1.5 mA. Because the digital interface is comprised entirely
of CMOS logic, the power dissipation is dependent upon the
logic input levels. As expected for CMOS, the lowest power
dissipation is achieved when the input level is either close to
ground or +5 V. Thus, to minimize the power consumption,
CMOS logic should be used to interface to the AD8600.
The AD8600 has multiple supply pins. VCC (Pins 4 and 42) is
the output amplifiers’ positive supply, and VEE (Pins 5 and 41)
the amplifiers’ negative supply. The digital input circuitry is
powered by VDD1 (Pin 14), and finally the DAC register and R-
2R ladder switches are powered by VDD2 (Pin 44). To minimize
noise feedthrough from the supplies, each supply pin should be
decoupled with a 0.1
µF ceramic capacitor close to the pin.
When applying power to the device, it is important for the digi-
tal supply, VDD2, to power on before the reference voltage and
for VREF to remain less than 0.3 V above VDD2 during normal
operation. Otherwise, an inherent diode will energize, and it
could damage the AD8600.
In order to improve ESD resistance, the AD8600 has several
ESD protection diodes on its various pins. These diodes shunt
ESD energy to the power supplies and protect the sensitive ac-
tive circuitry. During normal operation, all the ESD diodes are
reversed biased and do not affect the part. However, if overvolt-
ages occur on the various inputs, these diodes will energize. If
the overvoltage is due to ESD, the electrical spike is typically
short enough so that the part is not damaged. However, if the
overvoltage is continuous and has sufficient current, the part
could be damaged. To protect the part, it is important not to
forward bias any of the ESD protection diodes during normal
operation or during power up. Figure 18 shows the location of
these diodes. For example, the digital inputs have diodes con-
nected to VCC and from DGND1. Thus, the voltage on any
digital input should never exceed the analog supply or drop be-
low ground, which is also indicated in the absolute maximum
ratings.
DGND1
V
CC
V
DD2
DACGND
V
REF
ALL DIGITAL INPUTS
(A0–A3, DB0–DB7)
(R/W, CS, EN, LD, RS)
Figure 18. ESD Protection Diode Locations
Attention should be paid to the ground pins of the AD8600 to
ensure that noise is not introduced to the output. The pin la-
beled DACGND (Pin 3) is actually the ground for the R-2R
ladder, and because of this, it is important to connect this pin to
a high quality analog ground. Ideally, the analog ground should
be an actual ground plane. This helps create a low impedance,
low noise ground to maintain accuracy in the analog circuitry.
The digital ground pins (DGND1 at Pin 32 and DGND2 at
Pin 43) provide the ground reference for the internal digital cir-
cuitry and latches. The first thought may be to connect both of
these pins to the system digital ground. However, this is not the
best choice because of the high noise typically found on a
system’s digital ground. This noise can feed through to the out-
put through the DAC’s ground pins. Instead, DGND1 and
DGND2 should be connected to the analog ground plane. The
actual switching current in these pins is small and should not
degrade the analog ground.
5 V Output Swing
The output swing is limited to 1.0 V below the positive supply.
This gives a maximum output of +4.0 V on a +5 V supply. To
increase the output range, the analog supply, VCC, and the DAC
ladder supply, VDD2, can be increased to +7 V. This allows an
output of +5 V with a 5 V reference. VDD1 should remain at
+5 V to ensure that the input logic levels do not change.
Reference Input Considerations
The AD8600 is designed for one reference to drive all 16 DACs.
The reference pin (VREF) is connected directly to the R-2R lad-
ders of each DAC. With 16 DACs in parallel, the input imped-
ance is typically 2 k
Ω and a minimum of 1.2 kΩ. The input
resistance is code dependent. Thus, the chosen reference device
must be able to drive this load. Some examples of +2.5 V refer-
ences that easily interface to the AD8600 are the REF43,
AD680, and AD780. The unique architecture ensures that the
reference does not have to supply “shoot through” current,
which is a condition in some voltage mode DACs where the ref-
erence is momentarily connected to ground through the CMOS
switches. By eliminating this possibility, all 16 DACs in the
AD8600 can easily be driven from a single reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com