Electronic Components Datasheet Search
  English  ▼

X  

AD8600 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8600
Description  16-Channel, 8-Bit Multiplying DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8600 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8600 Datasheet HTML 7Page - Analog Devices AD8600 Datasheet HTML 8Page - Analog Devices AD8600 Datasheet HTML 9Page - Analog Devices AD8600 Datasheet HTML 10Page - Analog Devices AD8600 Datasheet HTML 11Page - Analog Devices AD8600 Datasheet HTML 12Page - Analog Devices AD8600 Datasheet HTML 13Page - Analog Devices AD8600 Datasheet HTML 14Page - Analog Devices AD8600 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8600
REV. 0
–11–
Unipolar Output Operation
The AD8600 is configured to give unipolar operation. The full-
scale output voltage is equivalent to the reference input voltage
minus 1 LSB. The output is dependent upon the digital code
and follows Table III. The actual numbers given for the analog
output are calculated assuming a +2.5 V reference.
Table III. Unipolar Code Table
DAC
Binary Input
MSB
LSB
Analog Output
1 1 1 1 1 1 1 1
+VREF (255/256) = +2.49 V
1 0 0 0 0 0 0 1
+VREF (129/256) = +1.26 V
1 0 0 0 0 0 0 0
+VREF (128/256) = +1.25 V
0 1 1 1 1 1 1 1
+VREF (127/256) = +1.24 V
0 0 0 0 0 0 0 1
+VREF (001/256) = +0.01 V
0 0 0 0 0 0 0 0
+VREF (000/256) = +0.00 V
Bipolar Output Operation
The AD8600 can be configured for bipolar operation with the
addition of an op amp for each output as shown in Figure 20.
The output will now have a swing of
±V
REF, as detailed in Table
IV. This modification is only needed on those channels that re-
quire bipolar outputs. For channels which only require unipolar
output, no external amplifier is needed. The OP495 quad am-
plifier is chosen for the external amplifier because of its low
power, rail-to-rail output swing, and DC accuracy. Again, the
values calculated for the analog output are based upon an as-
sumed +2.5 V reference.
OUT
ø
1/4
OP495
+5V
–5V
R1
10k
V
OUT
R1
10k
V
REF
V
REF
AD8600
Figure 20. Circuit for Bipolar Output Operation
Table IV. Bipolar Code Table
DAC
Binary Input
MSB
LSB
Analog Output
1 1 1 1 1 1 1 1
+2 VREF (255/256) – VREF = +2.49 V
1 0 0 0 0 0 0 1
+2 VREF (129/256) – VREF = +0.02 V
1 0 0 0 0 0 0 0
+2 VREF (128/256) – VREF = +0.00 V
0 1 1 1 1 1 1 1
+2 VREF (127/256) – VREF = –0.02 V
0 0 0 0 0 0 0 1
+2 VREF (001/256) – VREF = –2.48 V
0 0 0 0 0 0 0 0
+2 VREF (000/256) – VREF = –2.50 V
Interfacing to the 68HC11 Microcontroller
The 68HC11 is a popular microcontroller from Motorola,
which is easily interfaced to the AD8600. The connections be-
tween the two components are shown in Figure 21. Port C of
the 68HC11 is used as a bidirectional input/output data port to
write to and read from the AD8600. Port B is used for address-
ing and control information. The bottom 4 LSBs of Port B are
the address, and the top 4 MSBs are the control lines (LD, CS,
EN
, and R/W). The microcode for the 68 HC11 is shown in
Figure 22. The comments in the program explain the function
of each step. Three routines are included in this listing: read
from the AD8600, write to the AD8600, and a continuous loop
that generates a saw-tooth waveform. This loop is used in the
application below.
DB0–DB7
A0–A3
LD
EN
R/W
CS
DGND1, DGND2
DACGND
8
4
DIGITAL GROUND
ANALOG GROUND
AD8600
MOTOROLA
68HC11
PC0–PC7
PB0–PB3
PB4
PB5
PB6
PB7
GND
Figure 21. Interfacing the 68HC11 to the AD8600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com