Electronic Components Datasheet Search
  English  ▼

X  

AD8600 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8600
Description  16-Channel, 8-Bit Multiplying DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8600 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8600 Datasheet HTML 8Page - Analog Devices AD8600 Datasheet HTML 9Page - Analog Devices AD8600 Datasheet HTML 10Page - Analog Devices AD8600 Datasheet HTML 11Page - Analog Devices AD8600 Datasheet HTML 12Page - Analog Devices AD8600 Datasheet HTML 13Page - Analog Devices AD8600 Datasheet HTML 14Page - Analog Devices AD8600 Datasheet HTML 15Page - Analog Devices AD8600 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
REV. 0
–14–
AD8600
The functionality of this circuit is shown in the scope photo in
Figure 24 The top trace is the control ramp, which goes from
0 V to 1.25 V. The bottom trace is the output of the AD600.
The input is actually a 12 mV p-p, 10 kHz sine wave. Thus, the
bottom trace shows the envelop of this waveform to illustrate
the increase in gain as time progresses. This ramp was gener-
ated under control of the 68HC11 using the “ramp” subroutine
as mentioned above. The slope of the ramp can easily be
lengthened by adding some delay in the loop, or the slope can
be increased by stepping by 2 or more LSBs instead of the cur-
rent 1 LSB changes.
GAIN
CONTROL
1V/DIV
AD600
OUTPUT
0.2V/DIV
200µs/DIV
Figure 24. Time Dependent Gain of the AD600
Glitch Impulse
A specification of interest in many DAC applications is the
glitch impulse. This is the amount of energy contained in any
overshoot when a DAC changes at its major carry transition, in
other words, when the DAC switches from code 01111111 to
code 10000000. This point is the most demanding because all
of the R-2R ladder switches are changing state. The AD8600’s
glitch impulse is shown in Figure 25. Calculating the value of
the glitch is accomplished by calculating the area of the pulse,
which for the AD8600 is: Glitch Impulse = (1/2)
× (100 mV) ×
(200 ns) = 10 nV sec.
200ns/DIV
200ns/DIV
VOUT
50mV/DIV
Figure 25. Glitch Impulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com