Electronic Components Datasheet Search
  English  ▼

X  

AD9060 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9060
Description  10-Bit 75 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9060 Datasheet(HTML) 1 Page - Analog Devices

  AD9060 Datasheet HTML 1Page - Analog Devices AD9060 Datasheet HTML 2Page - Analog Devices AD9060 Datasheet HTML 3Page - Analog Devices AD9060 Datasheet HTML 4Page - Analog Devices AD9060 Datasheet HTML 5Page - Analog Devices AD9060 Datasheet HTML 6Page - Analog Devices AD9060 Datasheet HTML 7Page - Analog Devices AD9060 Datasheet HTML 8Page - Analog Devices AD9060 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
10-Bit 75 MSPS
A/D Converter
AD9060
FUNCTIONAL BLOCK DIAGRAM
2
56
1
512
C
O
M
P
A
R
A
T
O
R
L
A
T
C
H
E
S
OVERFLOW
OVERFLOW
1024
10
7
59
61
128
129
256
257
384
385
51
50
49
48
47
46
23
22
21
20
19
OVERFLOW
R
R/2
R
R/2
R
R/2
R
R/2
R
R/2
R
R/2
R
R
11
L
A
T
C
H
63
12
57
14
ENCODE
ANALOG IN
GROUND
OVERFLOW
LSBS
INVERT
MSB
INVERT
R/2
R/2
1
D
E
C
O
D
E
L
O
G
I
C
13
ENCODE
+V
REF
+V
SENSE
–V
REF
–V
SENSE
3/4
REF
1/2
REF
1/4
REF
–V
S
+V
S
D
9 (MSB)
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0 (LSB)
8
9
FEATURES
Monolithic 10-Bit/75 MSPS Converter
ECL Outputs
Bipolar ( 1.75 V) Analog Input
57 dB SNR @ 2.3 MHz Input
Low (45 pF) Input Capacitance
MIL-STD-883 Compliant Versions Available
APPLICATIONS
Digital Oscilloscopes
Medical Imaging
Professional Video
Radar Warning/Guidance Systems
Infrared Systems
GENERAL DESCRIPTION
The AD9060 A/D converter is a 10-bit monolithic converter ca-
pable of word rates of 75 MSPS and above. Innovative architec-
ture using 512 input comparators instead of the traditional 1024
required by other flash converters reduces input capacitance and
improves linearity.
Inputs and outputs are ECL-compatible, which makes the
AD9060 the recommended choice for systems with conversion
rates >30 MSPS to minimize system noise. An overflow bit is
provided to indicate analog input signals greater than +VSENSE.
Voltage sense lines are provided to ensure accurate driving of
the
±V
REF voltages applied to the units. Quarter-point taps on
the resistor ladder help optimize the integral linearity of the
unit.
Either 68-pin ceramic leaded (gull wing) packages or ceramic
LCCs are available and specifically designed for low thermal im-
pedances. Two performance grades for temperatures of both
0
°C to +70°C and –55°C to +125°C ranges are offered to allow
the user to select the linearity best suited for each application.
Dynamic performance is fully characterized and production
tested at +25
°C. MIL-STD-883 units are available.
The AD9060 A/D converter is available in versions compliant
with MIL-STD-883. Refer to the Analog Devices Military Prod-
ucts Databook or current AD9060/883B data sheet for detailed
specifications.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997


Similar Part No. - AD9060

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9060 AD-AD9060_15 Datasheet
339Kb / 12P
10-Bit 75 MSPS A/D Converter
REV. B
More results

Similar Description - AD9060

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7835 FAIRCHILD-SPT7835 Datasheet
93Kb / 12P
10-BIT, 5 MSPS, 75 mW A/D CONVERTER
logo
Intersil Corporation
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1386Y INTERSIL-HI1386Y Datasheet
474Kb / 8P
8-Bit, 75 MSPS Flash A/D Converter
April 1995
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
10-Bit, 40 MSPS A/D Converter
August 1997
HI5703 INTERSIL-HI5703 Datasheet
181Kb / 18P
10-Bit, 40 MSPS A/D Converter
November 1998
HI5746 INTERSIL-HI5746 Datasheet
145Kb / 17P
10-Bit, 40 MSPS A/D Converter
February 1999
HI1386 INTERSIL-HI1386_03 Datasheet
237Kb / 7P
8-Bit, 75 MSPS, Flash A/D Converter
March 2003
logo
Cadeka Microcircuits LL...
SPT7835 CADEKA-SPT7835 Datasheet
186Kb / 12P
10-BIT, 5 MSPS, 75 mW A/D CONVERTER
logo
Analog Devices
AD9060 AD-AD9060_15 Datasheet
339Kb / 12P
10-Bit 75 MSPS A/D Converter
REV. B
logo
Renesas Technology Corp
HI1386 RENESAS-HI1386 Datasheet
470Kb / 7P
8-Bit, 75 MSPS, Flash A/D Converter
March 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com