Electronic Components Datasheet Search
  English  ▼

X  

AD9060 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9060
Description  10-Bit 75 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9060 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9060 Datasheet HTML 4Page - Analog Devices AD9060 Datasheet HTML 5Page - Analog Devices AD9060 Datasheet HTML 6Page - Analog Devices AD9060 Datasheet HTML 7Page - Analog Devices AD9060 Datasheet HTML 8Page - Analog Devices AD9060 Datasheet HTML 9Page - Analog Devices AD9060 Datasheet HTML 10Page - Analog Devices AD9060 Datasheet HTML 11Page - Analog Devices AD9060 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD9060
–11–
REV. A
1
2
4
6
8 10
20
60
100
200
40
INPUT FREQUENCY – MHz
20
26
32
38
44
50
56
62
10.0
9.0
8.0
7.0
6.0
5.0
4.0
ENCODE RATE = 60MSPS
+25°C
–55°C & +125°C
AD9060 SNR and ENOB vs. Input Frequency
20
26
32
38
44
50
56
62
10.0
9.0
8.0
7.0
6.0
5.0
4.0
10
20
40
100
CONVERSION RATE – MSPS
60
ANALOG INPUT = 2.3MHz
80
AD9060 SNR and ENOB vs. Conversion Rate
1
2
4
6
8 10
20
60
100
40
40
45
50
55
60
65
70
INPUT FREQUENCY – MHz
35
30
+125
°C
–55
°C
+25
°C
AD9060 Harmonics vs. Input Frequency
ANALOG INPUT (A
IN ) – Volts
48
47
45
44
–1.8
–1.2
–0.6
0
10
70
60
50
40
30
20
+0.6
+1.2
+1.8
46
RESISTANCE
CAPACITANCE
Input Capacitance/Resistance vs. Input Voltage
Offset Binary
Twos Complement
Step
Range
True
Inverted
True
Inverted
0 = –1.75 V
MSB INV = “0”
MSB INV = “1”
MSB INV = “1”
MSB INV = “0”
FS = +1.75 V
LSBs INV = “0”
LSBs INV = “1”
LSBs INV = “0”
LSBs INV = “1”
1024
> + 1.7500
(1)1111111111
(l)0000000000
(1)0111111111
(1)1000000000
1023
+ 1.7466
1111111111
0000000000
0111111111
1000000000
1022
+ 1.7432
1111111110
0000000001
0111111110
1000000001
.
.
....
.
.
....
.
.
....
512
+0.0034
1000000000
0111111111
0000000000
1111111111
511
0.000
0111111111
1000000000
1111111111
0000000000
510
–0.0034
0111111110
1000000001
1111111110
0000000001
.
.
....
.
.
....
.
.
....
02
– 1.7432
0000000010
1111111101
1000000010
0111111101
01
– 1.7466
0000000001
1111111110
1000000001
0111111110
00
< – 1.7466
0000000000
1111111111
1000000000
0111111111
The overflow bit is always 0 except where noted in parentheses ( ). MSB INVERT and LSBs INVERT are considered dc controls.
AD9060 Truth Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com