Electronic Components Datasheet Search
  English  ▼

X  

AD9060 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9060
Description  10-Bit 75 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9060 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9060 Datasheet HTML 4Page - Analog Devices AD9060 Datasheet HTML 5Page - Analog Devices AD9060 Datasheet HTML 6Page - Analog Devices AD9060 Datasheet HTML 7Page - Analog Devices AD9060 Datasheet HTML 8Page - Analog Devices AD9060 Datasheet HTML 9Page - Analog Devices AD9060 Datasheet HTML 10Page - Analog Devices AD9060 Datasheet HTML 11Page - Analog Devices AD9060 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD9060
–12–
REV. A
REFERENCE
CIRCUIT
AD9060
DUT
ANALOG
INPUT
50
Ω
DUT
ANALOG
INPUT
J2
400
Ω
BUFFERED
ANALOG
INPUT
TO ERROR
WAVEFORM
CIRCUIT
OUTPUT
DATA
CONNECTOR
ECL
LATCHES
ENCODE
TIMING
CIRCUIT
CLK
Q
DATA
READY
DAC
OUT
TO ERROR
WAVEFORM
CIRCUIT
AD9617
U5
+V
S
–V
S
AD9712 DAC IOUT
D
+V
REF
+V
SENSE
3/4
REF
MSB INVERT
–5V
+5V
LSBs INVERT
(LSB) D
0
D
1
(MSB) D
9
OVERFLOW
D
D
D
D
D
D
D
D
D
D
D
GND
DIFFERENTIAL
ECL CLOCK
ENCODE
200
Ω
24
Ω
50
Ω
+5V
D
2
D
3
D
4
D
5
D
6
D
7
D
8
1/2
REF
1/4
REF
–V
REF
–V
SENSE
AD9060/PCB Evaluation Board Block Diagram
Onboard reconstruction of the digital data is provided through
the AD9712, a 12-bit monolithic DAC. The analog and recon-
structed waveforms can be summed on the board to allow the
user to observe the linearity of the AD9060 and the effects of the
quarter-point voltages. The digital data and an adjustable Data
Ready signal are available via a 37-pin edge connector.
AD9060/PCB EVALUATION BOARD
The AD9060/PCB Evaluation Board is available from the fac-
tory and is shown here in block diagram form. The board in-
cludes a reference circuit that allows the user to adjust both
references and the quarter-point voltages. The AD9617 is in-
cluded as the drive amplifier, and the user can configure the
gain from –1 to –15.
Leaded Ceramic Chip Carrier
Suffix Z
Leadless Chip Carrier (LCC)
Suffix E
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com