Electronic Components Datasheet Search
  English  ▼

X  

AD9060 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9060
Description  10-Bit 75 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9060 Datasheet(HTML) 3 Page - Analog Devices

  AD9060 Datasheet HTML 1Page - Analog Devices AD9060 Datasheet HTML 2Page - Analog Devices AD9060 Datasheet HTML 3Page - Analog Devices AD9060 Datasheet HTML 4Page - Analog Devices AD9060 Datasheet HTML 5Page - Analog Devices AD9060 Datasheet HTML 6Page - Analog Devices AD9060 Datasheet HTML 7Page - Analog Devices AD9060 Datasheet HTML 8Page - Analog Devices AD9060 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD9060
–3–
REV. A
Test
AD9060JE/JZ
AD9060KE/KZ
Parameter (Conditions)
Temp
Level
Min
Typ
Max
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
(CONTINUED)
Signal-to-Noise Ratio
6
(Without Harmonics)
fIN = 2.3 MHz
+25
°C
I
54
56
54
58
dB
fIN = 10.3 MHz
+25
°C
I
51
55
51
55
dB
fIN = 29.3 MHz
+25
°C
I
46
48
46
48
dB
Harmonic Distortion
fIN = 2.3 MHz
+25
°C
I
61
65
61
65
dBc
fIN = 10.3 MHz
+25
°C
I
55
58
55
58
dBc
fIN = 29.3 MHz
+25
°C
I
47
50
47
50
dBc
Two-Tone Intermodulation
Distortion Rejection
7
+25
°C
V
70
70
dBc
Differential Phase
+25
°C
V
0.5
0.5
Degree
Differential Gain
+25
°CV
1
1
%
ENCODE INPUT
Logic “1” Voltage
Full
VI
–1.1
–1.1
V
Logic “0” Voltage
Full
VI
–1.5
–1.5
V
Logic “1” Current
Full
VI
150
300
150
300
µA
Logic “0” Current
Full
VI
150
300
150
300
µA
Input Capacitance
+25
°CV
5
5
pF
Pulse Width (High)
+25
°CI
6
6
ns
Pulse Width (Low)
+25
°CI
6
6
ns
DIGITAL OUTPUTS
Logic “1” Voltage
Full
VI
–1.1
–1.1
V
Logic “0” Voltage
Full
VI
–1.5
–1.5
V
POWER SUPPLY
+VS Supply Current
+25
°C
VI
420
500
420
500
mA
Full
VI
500
500
mA
–VS Supply Current
+25
°C
VI
150
180
150
180
mA
Full
VI
190
190
mA
Power Dissipation
+25
°C
VI
2.8
3.3
2.8
3.3
W
Full
VI
3.5
3.5
W
Power Supply Rejection
Ratio (PSRR)
8
Full
VI
6
10
6
10
mV/V
NOTES
1Absolute maximum ratings are limiting values to be applied individually and beyond which the serviceability of the circuit may be impaired. Functional operability is
not necessarily implied. Exposure to absolute maximum rating conditions for an extended period of time may affect device reliability.
2Typical thermal impedances (part soldered onto board): 68-pin leaded ceramic chip carrier:
θ
JC = 1°C/W; θJA = 17°C/W (no air flow); θJA = 15°C/W
(air flow = 500 LFM). 68-pin ceramic LCC:
θ
JC = 2.6°C/W; θJA = 15°C/W (no air flow); θJA = 13°C/W (air flow = 500 LFM).
33/4
REF, 1/2REF and 1/4REF reference ladder taps are driven from dc sources at +0.875 V, 0 V and –0.875 V, respectively. Outputs terminated through 100 Ω to –2.0 V;
CL < 4 pF. Accuracy of the overflow comparator is not tested and not included in linearity specifications.
4Measured with ANALOG IN = +V
SENSE
5Output delay measured as worst-case time from 50% point of the rising edge of ENCODE to 50% point of the slowest rising or falling edge of D
0–D9. Output skew
measured as worst-case difference in output delay among D 0–D9.
6RMS signal to rms noise with analog input signal 1 dB below full scale at specified frequency.
7Intermodulation measured with analog input frequencies of 2.3 MHz and 3.0 MHz at 7 dB below full scale.
8Measured as the ratio of the worst-case change in transition voltage of a single comparator for a 5% change m +V
S or –VS.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com