Electronic Components Datasheet Search
  English  ▼

X  

AD9071 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9071
Description  10-Bit, 100 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9071 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9071 Datasheet HTML 2Page - Analog Devices AD9071 Datasheet HTML 3Page - Analog Devices AD9071 Datasheet HTML 4Page - Analog Devices AD9071 Datasheet HTML 5Page - Analog Devices AD9071 Datasheet HTML 6Page - Analog Devices AD9071 Datasheet HTML 7Page - Analog Devices AD9071 Datasheet HTML 8Page - Analog Devices AD9071 Datasheet HTML 9Page - Analog Devices AD9071 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD9071
–6–
REV. B
–Typical Performance Characteristics
MHz
0
–60
–100
0
50
–10
–50
–70
–90
–30
–40
–80
–20
FUNDAMENTAL = –1.0dBFS
SNR = 56.75dB
SINAD = 56.56dB
2ND HARMONIC = –71.88dB
3RD HARMONIC = –77.28dB
Figure 7. Spectrum: FS = 100 MSPS, fIN = 10.3 MHz
MHz
0
–60
–100
0
50
–10
–50
–70
–90
–30
–40
–80
–20
FUNDAMENTAL = –1.0dBFS
SNR = 55.23dB
SINAD = 54.35dB
2ND HARMONIC = –68.28dB
3RD HARMONIC = –62.83dB
Figure 8. Spectrum: FS = 100 MSPS, fIN = 41 MHz
MHz
0
–60
–100
0
50
–10
–50
–70
–90
–30
–40
–80
–20
F1 = 9.63MHz
F2 = 10.63MHz
F1 = F2 = –7.0dBFS
Figure 9. Two-Tone Intermodulation Distortion
MHz
0
–60
–100
0
50
–10
–50
–70
–90
–30
–40
–80
–20
F1 = 41.1MHz
F2 = 42.1MHz
F1 = F2 = –7.0dBFS
Figure 10. Two-Tone Intermodulation Distortion
fIN – MHz
60
40
10
100
20
40
60
80
58
50
46
44
42
56
54
48
52
120
140
SNR
SINAD
Figure 11. SINAD/SNR vs. fIN: FS = 100 MSPS
58
10
120
40
60
80
57
50
56
55
48
51
49
52
53
54
20
100
140
SNR
SINAD
FS – MSPS
Figure 12. SINAD/SNR vs. FS: fIN = 10.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com