Electronic Components Datasheet Search
  English  ▼

X  

AD9071 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9071
Description  10-Bit, 100 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9071 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9071 Datasheet HTML 4Page - Analog Devices AD9071 Datasheet HTML 5Page - Analog Devices AD9071 Datasheet HTML 6Page - Analog Devices AD9071 Datasheet HTML 7Page - Analog Devices AD9071 Datasheet HTML 8Page - Analog Devices AD9071 Datasheet HTML 9Page - Analog Devices AD9071 Datasheet HTML 10Page - Analog Devices AD9071 Datasheet HTML 11Page - Analog Devices AD9071 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
–12–
AD9071
Table II. Printed Circuit Board Bill of Materials
Item #
Quantity
Reference
Description
1
18
C1, C2, C3, C4, C5, C6, C7, C8, C9, C10,
Ceramic Chip Capacitor, 0603, 0.1
µF
C11, C12, C13, C14, C15, C16, C17, C22
2
4
C18, C19, C20, C21
Tantalum Chip Capacitor, 10
µF
3
3
E1, E2, E3
Jumpers
4
4
J1, J2, J3, J4
SMB-P Connector
5
1
J5
20-Pin Male Header
6
1
P2
37-Pin Connector (Amp 747462-4)
7
13
R1, R19, R20, R21, R22, R23, R24, R25,
Surface Mount Resistor, 1206, 100
Ω
R26, R27, R28, R29, R30
8
1
R2
Surface Mount Resistor, 1206, 2000
Ω
9
11
R3, R9, R10, R11, R12, R13, R14, R15,
Surface Mount Resistor, 1206, 200
Ω
R16, R17, R18
10
5
R4, R5, R6, R7, R8
Surface Mount Resistor, 1206, 50
Ω
11
1
R31
Surface Mount Resistor, 1206, 5000
Ω
12
1
R32
Surface Mount Resistor, 1206, 25
Ω
13
1
R33
Surface Mount Resistor, 1206, 0
Ω
14
4
R34, R35, R36, R37
Surface Mount Resistor, 1206, 150
Ω
15
13
S1, S2, S3, S4, S5, S6, S7, S8, S9, S10,
Jumpers
S11, S12, S13
16
1
T1
Surface Mount Transformer Mini-Circuit T1-T1, 1:1 Ratio
17
1
TB1
6-Pin Wieland Connector (P/N # 25,602, 2653.0; 25.530
3625.0)
18
5
TP1, TP2, TP3, TP4, TP5
Test Points
19
2
U1, U2
74LCX574 Octal Latch
20
1
U3
AD9071BR, 10-Bit, 100 MSPS, ADC
21
1
U4
AD9760AR, 10-Bit, 125 MSPS, DAC
22
1
U5
74LCX86, XOR
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
28-Lead Wide Body SOIC
(R-28)
28
15
14
1
0.7125 (18.10)
0.6969 (17.70)
0.4193 (10.65)
0.3937 (10.00)
0.2992 (7.60)
0.2914 (7.40)
PIN 1
SEATING
PLANE
0.0118 (0.30)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.1043 (2.65)
0.0926 (2.35)
0.0500
(1.27)
BSC
0.0125 (0.32)
0.0091 (0.23)
0.0500 (1.27)
0.0157 (0.40)
8°
0°
0.0291 (0.74)
0.0098 (0.25)
45
REV. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com