Electronic Components Datasheet Search
  English  ▼

X  

AD9071 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9071
Description  10-Bit, 100 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9071 Datasheet(HTML) 4 Page - Analog Devices

  AD9071 Datasheet HTML 1Page - Analog Devices AD9071 Datasheet HTML 2Page - Analog Devices AD9071 Datasheet HTML 3Page - Analog Devices AD9071 Datasheet HTML 4Page - Analog Devices AD9071 Datasheet HTML 5Page - Analog Devices AD9071 Datasheet HTML 6Page - Analog Devices AD9071 Datasheet HTML 7Page - Analog Devices AD9071 Datasheet HTML 8Page - Analog Devices AD9071 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD9071
–4–
REV. B
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9071BR
–40
°C to +85°C
28-Lead Wide Body (SOIC)
R-28
AD9071/PCB
+25
°C
Evaluation Board
Table I. Output Coding
Offset
Code
AIN–
AIN
Binary
OR
1023
≥ 0.512 V
11 1111 1111
1
1023
0.511 V
11 1111 1111
0
1022
0.510 V
11 1111 1110
0
••
•
•
••
•
•
••
•
•
513
0.001 V
10 0000 0001
0
512
0.000 V
10 0000 0000
0
511
–0.001 V
01 1111 1111
0
••
•
•
••
•
•
••
•
•
1
–0.511 V
00 0000 0001
0
0
–0.512 V
00 0000 0000
0
0
≤–0.513 V
00 0000 0000
1
PIN FUNCTION DESCRIPTIONS
Pin No.
Name
Function
1, 7, 12, 21, 23
GND
Ground.
2, 8, 11
VCC
Analog Power Supply. Nominally 5.0 V. (Tie together to prevent a possible latch-up condition.)
3
VREF OUT
Internal Reference Output (VCC – 2.5 V typical); Bypass with 0.1 µF to VCC.
4
VREF IN
Reference Input for ADC (VCC – 2.5 V typical).
5, 6
DNC
Do Not Connect.
9
AIN
Analog Input – Complementary.
10
AIN
Analog Input – True.
13
ENCODE
Encode clock for ADC. (ADC Samples on Rising Edge of ENCODE.)
14
OR
Out-of-Range Output. Goes HIGH when the converted sample is more positive than
3FFH or more negative than 000H (offset binary coding).
15–19, 24–28
D9–D0
Digital outputs of ADC. D9 is the MSB. Data is offset binary.
20, 22
VDD
Digital Output Power Supply. User selectable range from 3 V to 5 V.
PIN CONFIGURATION
14
13
12
11
10
9
8
2
3
4
7
6
5
1
TOP VIEW
(Not to Scale)
17
16
15
20
19
18
28
27
26
25
24
23
22
21
AD9071BR
D0
D1
D2
D3
D4
VDD
GND
VDD
GND
D5
D6
D7
D8
D9 (MSB)
VCC
GND
VREF OUT
VREF IN
DNC
DNC
VCC
GND
AIN
AIN
GND
VCC
ENCODE
OR
DNC = DO NOT CONNECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com