Electronic Components Datasheet Search
  English  ▼

X  

AD9071 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9071
Description  10-Bit, 100 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9071 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9071 Datasheet HTML 3Page - Analog Devices AD9071 Datasheet HTML 4Page - Analog Devices AD9071 Datasheet HTML 5Page - Analog Devices AD9071 Datasheet HTML 6Page - Analog Devices AD9071 Datasheet HTML 7Page - Analog Devices AD9071 Datasheet HTML 8Page - Analog Devices AD9071 Datasheet HTML 9Page - Analog Devices AD9071 Datasheet HTML 10Page - Analog Devices AD9071 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD9071
–7–
REV. B
TC
40
–40
85
–15
5
25
55
SINAD
SNR
55
45
50
60
Figure 13. Differential SNR vs. TC: fIN = 10.3 MHz
TC
60
50
–40
85
–15
5
25
52
48
58
SINAD
SNR
55
40
42
44
46
54
56
Figure 14. Single-Ended SNR vs. TC: fIN = 10.3 MHz
ENCODE PULSEWIDTH – ns
60
50
2.5
7.5
3.5
4.5
5.5
56
54
58
SINAD
SNR
6.5
52
40
46
44
48
42
Figure 15. SNR vs. Clock Pulsewidth (tEH): fIN = 10.3 MHz
fIN – MHz
–2
15
0
–1
–7
–4
–5
–3
–6
60
105
–3dB ROLLOFF POINT
150
195
240
285
330
375
420
Figure 16. Frequency Response
fIN – MHz
70
90
80
20
50
40
60
30
10
20
30
40
SINGLE-ENDED
10
0
DIFFERENTIAL INPUT
Figure 17. Second Harmonic Performance: Single-
Ended vs. Differential Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com