Electronic Components Datasheet Search
  English  ▼

X  

AD9631 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9631
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9631 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9631 Datasheet HTML 2Page - Analog Devices AD9631 Datasheet HTML 3Page - Analog Devices AD9631 Datasheet HTML 4Page - Analog Devices AD9631 Datasheet HTML 5Page - Analog Devices AD9631 Datasheet HTML 6Page - Analog Devices AD9631 Datasheet HTML 7Page - Analog Devices AD9631 Datasheet HTML 8Page - Analog Devices AD9631 Datasheet HTML 9Page - Analog Devices AD9631 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD9631/AD9632
REV. A
–6–
AD9631–Typical Characteristics
1
–4
–9
1M
10M
1G
100M
–5
–6
–7
–8
–3
–2
–1
0
FREQUENCY – Hz
VS = ±5V
RL = 100Ω
VO = 300mV p-p
RF
150
Ω
RF
100
Ω
RF
200
Ω
RF
50
Ω
Figure 15. AD9631 Small Signal Frequency Response
G = +1
0.1
–0.4
–0.9
1M
10M
500M
100M
–0.5
–0.6
–0.7
–0.8
–0.3
–0.2
–0.1
0
FREQUENCY – Hz
VS = ±5V
RL = 100Ω
G = +1
Vo = 300mV p-p
RF
120
Ω
RF
140
Ω
RF
150
Ω
RF
100
Ω
Figure 16. AD9631 0.1 dB Flatness, N Package (for R
Package Add 20
Ω to R
F)
60
10
10k
100k
10M
1M
30
20
40
50
FREQUENCY – Hz
0
–10
100M
1G
100
20
0
–20
40
60
80
–80
–100
–120
–60
–40
90
70
80
–20
PHASE
GAIN
Figure 17. AD9631 Open-Loop Gain and Phase Margin vs.
Frequency, RL = 100 Ω
VALUE OF FEEDBACK RESISTOR (RF) – Ω
450
250
20
240
400
300
40
350
200
220
180
160
140
120
100
80
60
N PACKAGE
R PACKAGE
RF
130
Ω
AD9631
VS = ±5V
RL = 100Ω
GAIN = +1
RL
Figure 18. AD9631 Small Signal –3 dB Bandwidth vs. RF
1
–4
–9
1M
10M
500M
100M
–5
–6
–7
–8
–3
–2
–1
0
FREQUENCY – Hz
VS = ±5V
VO = 4V p-p
RL = 100Ω
RF
250
Ω
RF = 50Ω
TO
250
Ω BY 50Ω
Figure 19. AD9631 Large Signal Frequency Response,
G = +1
1
–4
–9
1M
10M
1G
100M
–5
–6
–7
–8
–3
–2
–1
0
FREQUENCY – Hz
RF
267
Ω
VS = ±5V
RL = 100Ω
VO = 300mV p-p
Figure 20. AD9631 Small Signal Frequency Response,
G = –1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com