Electronic Components Datasheet Search
  English  ▼

X  

AD9631 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9631
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9631 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9631 Datasheet HTML 6Page - Analog Devices AD9631 Datasheet HTML 7Page - Analog Devices AD9631 Datasheet HTML 8Page - Analog Devices AD9631 Datasheet HTML 9Page - Analog Devices AD9631 Datasheet HTML 10Page - Analog Devices AD9631 Datasheet HTML 11Page - Analog Devices AD9631 Datasheet HTML 12Page - Analog Devices AD9631 Datasheet HTML 13Page - Analog Devices AD9631 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. A
–10–
24
18
3
100
100k
10k
1k
10
21
12
15
6
9
FREQUENCY – Hz
VS = ±5V
Figure 39. AD9631 Noise vs. Frequency
80
70
60
50
40
30
20
10
0
75
65
55
45
35
25
15
5
10k
100k
1G
100M
10M
1M
FREQUENCY – Hz
–PSRR
+PSRR
Figure 40. AD9631 PSRR vs. Frequency
100
90
80
70
60
50
40
30
20
100k
1G
100M
10M
1M
FREQUENCY – Hz
VS = ±5V
∆V
CM = 1V
RL = 100Ω
Figure 41. AD9631 CMRR vs. Frequency
17
13
3
100
100k
10k
1k
10
15
9
11
5
7
FREQUENCY – Hz
VS = ±5V
Figure 42. AD9632 Noise vs. Frequency
80
70
60
50
40
30
20
10
0
75
65
55
45
35
25
15
5
10k
100k
1G
100M
10M
1M
FREQUENCY – Hz
–PSRR
+PSRR
Figure 43. AD9632 PSRR vs. Frequency
100
90
80
70
60
50
40
30
20
100k
1G
100M
10M
1M
FREQUENCY – Hz
VS = ±5V
∆V
CM = 1V
RL = 100Ω
Figure 44. AD9632 CMRR vs. Frequency
AD9631/AD9632–Typical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com