Electronic Components Datasheet Search
  English  ▼

X  

AD9631 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9631
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9631 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9631 Datasheet HTML 10Page - Analog Devices AD9631 Datasheet HTML 11Page - Analog Devices AD9631 Datasheet HTML 12Page - Analog Devices AD9631 Datasheet HTML 13Page - Analog Devices AD9631 Datasheet HTML 14Page - Analog Devices AD9631 Datasheet HTML 15Page - Analog Devices AD9631 Datasheet HTML 16Page - Analog Devices AD9631 Datasheet HTML 17Page - Analog Devices AD9631 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD9631/AD9632
REV. A
–14–
For general voltage gain applications, the amplifier bandwidth
can be closely estimated as:
f
3 dB ≅
ω
O
2
π 1+
R
F
R
G


This estimation loses accuracy for gains of +2/–1 or lower due
to the amplifier’s damping factor. For these “low gain” cases,
the bandwidth will actually extend beyond the calculated value
(see Closed-Loop BW plots, Figures 15 and 27).
As a rule of thumb, capacitor CF will not be required if:
(R
F RG ) × CI ≤
NG
4
ω
O
where NG is the Noise Gain (1 + RF/RG) of the circuit. For
most voltage gain applications, this should be the case.
Pulse Response
Unlike a traditional voltage feedback amplifier, where the slew
speed is dictated by its front end dc quiescent current and gain
bandwidth product, the AD9631 and AD9632 provide “on de-
mand” current that increases proportionally to the input “step”
signal amplitude. This results in slew rates (1300 V/
µs) compa-
rable to wideband current feedback designs. This, combined
with relatively low input noise current (2.0 pA/
√Hz), gives the
AD9631 and AD9632 the best attributes of both voltage and
current feedback amplifiers.
Large Signal Performance
The outstanding large signal operation of the AD9631 and
AD9632 is due to a unique, proprietary design architecture.
In order to maintain this level of performance, the maximum
550 V-MHz product must be observed, (e.g., @ 100 MHz,
VO ≤ 5.5 V p-p).
Power Supply Bypassing
Adequate power supply bypassing can be critical when optimiz-
ing the performance of a high frequency circuit. Inductance in
the power supply leads can form resonant circuits that produce
peaking in the amplifier’s response. In addition, if large current
transients must be delivered to the load, then bypass capacitors
(typically greater than 1
µF) will be required to provide the best
settling time and lowest distortion. A parallel combination of at
least 4.7
µF, and between 0.1 µF and 0.01 µF, is recommended.
Some brands of electrolytic capacitors will require a small series
damping resistor
≈4.7 Ω for optimum results.
Driving Capacitive Loads
The AD9631 and AD9632 were designed primarily to drive
nonreactive loads. If driving loads with a capacitive component
is desired, the best frequency response is obtained by the addi-
tion of a small series resistance as shown in Figure 60. The ac-
companying graph shows the optimum value for RSERIES vs.
capacitive load. It is worth noting that the frequency response of
the circuit when driving large capacitive loads will be dominated
by the passive roll-off of RSERIES and CL.
R
F
R
SERIES
R
L
1k
Ω
C
L
R
IN
AD9631/32
R
IN
Figure 60. Driving Capacitive Loads
40
0
25
30
10
5
20
15
20
10
C
L
– pF
Figure 61. Recommended RSERIES vs. Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com