Electronic Components Datasheet Search
  English  ▼

X  

AD9631 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9631
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9631 Datasheet(HTML) 1 Page - Analog Devices

  AD9631 Datasheet HTML 1Page - Analog Devices AD9631 Datasheet HTML 2Page - Analog Devices AD9631 Datasheet HTML 3Page - Analog Devices AD9631 Datasheet HTML 4Page - Analog Devices AD9631 Datasheet HTML 5Page - Analog Devices AD9631 Datasheet HTML 6Page - Analog Devices AD9631 Datasheet HTML 7Page - Analog Devices AD9631 Datasheet HTML 8Page - Analog Devices AD9631 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Ultralow Distortion, Wide
Bandwidth Voltage Feedback Op Amps
AD9631/AD9632
These characteristics position the AD9631/AD9632 ideally for
driving flash as well as high resolution ADCs. Additionally, the
balanced high impedance inputs of the voltage feedback archi-
tecture allow maximum flexibility when designing active filters.
The AD9631 is offered in industrial (–40
°C to +85°C) and mili-
tary (–55
°C to +125°C) temperature ranges and the AD9632 in
industrial. Industrial versions are available in plastic DIP and
SOIC; MIL versions are packaged in cerdip.
–30
–130
100k
100M
10M
1M
10k
–70
–50
–110
–90
FREQUENCY – Hz
VO = 2V p–p
VS = ±5V
RL = 500Ω
2ND HARMONIC
3RD HARMONIC
Figure 1. AD9631 Harmonic Distortion vs. Frequency,
G = +1
FEATURES
Wide Bandwidth
AD9631, G = +1 AD9632, G = +2
Small Signal
320 MHz
250 MHz
Large Signal (4 V p-p) 175 MHz
180 MHz
Ultralow Distortion (SFDR), Low Noise
–113 dBc typ @ 1 MHz
–95 dBc typ @ 5 MHz
–72 dBc typ @ 20 MHz
+46 dBm 3rd Order Intercept @ 25 MHz
7.0 nV/
√Hz Spectral Noise Density
High Speed
Slew Rate 1300 V/
µs
Settling 16 ns to 0.01%, 2 V Step
±3 V to ±5 V Supply Operation
17 mA Supply Current
APPLICATIONS
ADC Input Driver
Differential Amplifiers
IF/RF Amplifiers
Pulse Amplifiers
Professional Video
DAC Current to Voltage
Baseband and Video Communications
Pin Diode Receivers
Active Filters/Integrators/Log Amps
PRODUCT DESCRIPTION
The AD9631 and AD9632 are very high speed and wide band-
width amplifiers. They are an improved performance alternative
to the AD9621 and AD9622. The AD9631 is unity gain stable.
The AD9632 is stable at gains of two or greater. Utilizing a
voltage feedback architecture, the AD9631/AD9632’s excep-
tional settling time, bandwidth, and low distortion meet the
requirements of many applications which previously depended
on current feedback amplifiers. Its classical op amp structure
works much more predictably in many designs.
A proprietary design architecture has produced an amplifier that
combines many of the best characteristics of both current feed-
back and voltage feedback amplifiers. The AD9631 and
AD9632 exhibit exceptionally fast and accurate pulse response
(16 ns to 0.01%) as well as extremely wide small signal and
large signal bandwidth and ultralow distortion. The AD9631
achieves –72 dBc at 20 MHz and 320 MHz small signal and
175 MHz large signal bandwidths.
FUNCTIONAL BLOCK DIAGRAM
8-Pin Plastic Mini-DIP (N), Cerdip (Q),
and SO (R) Packages
1
2
3
4
8
7
6
5
AD9631/32
NC
–INPUT
+INPUT
–VS
NC
+VS
OUTPUT
NC
(Top View)
NC = NO CONNECT


Similar Part No. - AD9631

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9631 AD-AD9631 Datasheet
924Kb / 24P
Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD9631 AD-AD9631 Datasheet
726Kb / 28P
12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD9631 AD-AD9631 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD9631 AD-AD9631 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD9631 AD-AD9631 Datasheet
574Kb / 20P
Ultralow Distortion, Wide BandwidthVoltage Feedback Op Amps
REV. C
More results

Similar Description - AD9631

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8036 AD-AD8036 Datasheet
387Kb / 23P
Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV.A
AD9631 AD-AD9631_03 Datasheet
635Kb / 20P
Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
7/03-Data Sheet changed from REV. B to REV. C.
AD8036_2000 AD-AD8036_2000 Datasheet
425Kb / 23P
Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036ARZ AD-AD8036ARZ Datasheet
658Kb / 24P
Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD9631ARZ AD-AD9631ARZ Datasheet
702Kb / 20P
Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9632ARZ AD-AD9632ARZ Datasheet
574Kb / 20P
Ultralow Distortion, Wide BandwidthVoltage Feedback Op Amps
REV. C
AD8036 AD-AD8036_15 Datasheet
658Kb / 24P
Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8037 AD-AD8037_15 Datasheet
658Kb / 24P
Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD9631 AD-AD9631_15 Datasheet
478Kb / 20P
Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9632 AD-AD9632_15 Datasheet
478Kb / 20P
Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com