Electronic Components Datasheet Search
  English  ▼

X  

AD9660 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9660
Description  200 MHz Laser Diode Driver with Light Power Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9660 Datasheet(HTML) 1 Page - Analog Devices

  AD9660 Datasheet HTML 1Page - Analog Devices AD9660 Datasheet HTML 2Page - Analog Devices AD9660 Datasheet HTML 3Page - Analog Devices AD9660 Datasheet HTML 4Page - Analog Devices AD9660 Datasheet HTML 5Page - Analog Devices AD9660 Datasheet HTML 6Page - Analog Devices AD9660 Datasheet HTML 7Page - Analog Devices AD9660 Datasheet HTML 8Page - Analog Devices AD9660 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FUNCTIONAL BLOCK DIAGRAM
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9660
FEATURES
1.5 ns Rise/2.0 ns Fall Times
Output Current: 180 mA @ 3 V, 200 mA @ 2.5 V
Bias Current: 90 mA @ 3 V
Modulation Current: 60 mA @ 3 V
Offset Current: 30 mA @ 3 V
Single +5 V Power Supply
Switching Rate: 200 MHz
Onboard Light Power Control Loops
APPLICATIONS
Laser Printers and Copiers
Optical Disk Drives
FO Datacomm
GENERAL DESCRIPTION
The AD9660 is a highly integrated driver for laser diode appli-
cations such as optical disk drives, printers, and copiers. The
AD9660 gets feedback from an external photo detector and in-
cludes two analog feedback loops to allow users to set “bias”
and “write” (for optical disk drives) power levels of the laser,
and switch between the two power levels at up to 200 MHz.
Output rise and fall times are typically 1.5 ns and 2.0 ns to
complement printer applications that use image enhancing tech-
niques such as pulse width modulation to achieve gray scale,
and allow disk drive applications to improve density and take
advantage of pulsed write formats. Control signals are TTL/
CMOS compatible.
© Analog Devices, Inc., 1995
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
200 MHz Laser Diode Driver
with Light Power Control
The driver output provides up to 180 mA of current @ 3 V,
90 mA of BIAS current, 60 mA of modulation current, and
30 mA of offset current. The onboard disable circuit turns off
the output drivers and returns the light power control loops to a
safe state.
The AD9660 can also be used in closed loop applications in
which the output power level follows an analog WRITE LEVEL
voltage input. By optimizing the external hold capacitor, and
the photo detector, the write loop can achieve bandwidths as
high as 25 MHz.
The AD9660 is offered in a 28-pin plastic SOIC for operation
over the commercial temperature range (0
°C to +70°C).
TRANSIMPEDANCE
AMPLIFIER
OUTPUT
DRIVER
AD9660
LASER
DIODE
PHOTO
DETECTOR
DIODE
OUTPUT
SENSE
INPUT
WRITE
LEVEL
BIAS
LEVEL
BIAS
CAL
V:1
BIAS
T/H
V:1
T/H
OUTPUT
DRIVER
WRITE
PULSE
WRITE
CALIBRATE


Similar Part No. - AD9660

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD96606 AD-AD96606 Datasheet
183Kb / 12P
200 MHz Laser Diode Driver with Light Power Control
REV.0
AD96606 AD-AD96606_15 Datasheet
190Kb / 12P
200 MHz Laser Diode Driver with Light Power Control
REV. 0
AD9660KR AD-AD9660KR Datasheet
183Kb / 12P
200 MHz Laser Diode Driver with Light Power Control
REV.0
AD9660KR-REEL AD-AD9660KR-REEL Datasheet
183Kb / 12P
200 MHz Laser Diode Driver with Light Power Control
REV.0
More results

Similar Description - AD9660

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9661A AD-AD9661A Datasheet
174Kb / 12P
Laser Diode Driver with Light Power Control
REV.0
logo
Vitesse Semiconductor C...
VSC7940 VITESSE-VSC7940 Datasheet
167Kb / 16P
SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
VSC7938 VITESSE-VSC7938 Datasheet
213Kb / 16P
Laser Diode Driver with Automatic Power Control
VSC7939 VITESSE-VSC7939 Datasheet
226Kb / 18P
Laser Diode Driver with Automatic Power Control
logo
Analog Devices
AD96606 AD-AD96606 Datasheet
183Kb / 12P
200 MHz Laser Diode Driver with Light Power Control
REV.0
logo
List of Unclassifed Man...
I7032 ETC2-I7032 Datasheet
495Kb / 14P
200 Mbps Laser-Diode Driver
logo
Analog Devices
AD9661A AD-AD9661A_15 Datasheet
626Kb / 12P
Laser Diode Driver with Light Power Control
REV. 0
AD96606 AD-AD96606_15 Datasheet
190Kb / 12P
200 MHz Laser Diode Driver with Light Power Control
REV. 0
logo
Intersil Corporation
ISL58781 INTERSIL-ISL58781 Datasheet
404Kb / 15P
Laser Diode Driver with Serial Control and Write Current DAC
December 3, 2015
logo
Renesas Technology Corp
ISL58792 RENESAS-ISL58792 Datasheet
788Kb / 16P
Laser Diode Driver with Serial Control and Write Current DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com