Electronic Components Datasheet Search
  English  ▼

X  

AD9660 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9660
Description  200 MHz Laser Diode Driver with Light Power Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9660 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9660 Datasheet HTML 4Page - Analog Devices AD9660 Datasheet HTML 5Page - Analog Devices AD9660 Datasheet HTML 6Page - Analog Devices AD9660 Datasheet HTML 7Page - Analog Devices AD9660 Datasheet HTML 8Page - Analog Devices AD9660 Datasheet HTML 9Page - Analog Devices AD9660 Datasheet HTML 10Page - Analog Devices AD9660 Datasheet HTML 11Page - Analog Devices AD9660 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD9660
REV. 0
–11–
The trace from the output pins of the AD9660 to the anode of
the laser (send trace) should be several millimeters wide and
should be as direct as possible. The return current will choose
the path of least resistance. If the return path is the ground
plane, it should have an unbroken path, under the output trace,
from the laser cathode back to the AD9660. If the return path is
not the ground plane (such as on a two layer board, or on the
+VS plane), it should still be on the board plane adjacent to the
plane of the output trace. If the current cannot return along a
path that follows the output trace, the inductance will be drasti-
cally increased and performance will be degraded.
Optimizing the Feedback Layout
In applications where the dynamic performance of the analog
feedback loop is important, it is necessary to optimize the layout
of the gain resistor, RGAIN, as well as the monitor current path to
SENSE IN. Such applications include MOD systems which
recalibrate the write loop on pulses as short as 25 ns, and closed
loop applications.
The best possible TZA settling will be achieved by using a
single carbon surface mount resistor (usually 5% tolerance) for
RGAIN and small surface mount capacitor for CGAIN. Because the
GAIN pin (Pin 9) is essentially connected to the inverting input
of the TZA, it is very sensitive to stray capacitance. RGAIN
should be placed between Pin 9 and Pin 10, as close as possible
to Pin 9. Small traces should be used, and the ground and +VS
planes adjacent to the trace should be removed to further mini-
mize stray capacitance.
The trace from SENSE IN to the cathode of the PIN photo-
detector should be thin and routed away from the laser anode
trace.
GROUND PLANE
BYPASS CAPS
GROUND PIN
CONNECTIONS
OUTPUT PIN CONNECTIONS
PIN ASSIGNMENTS
+VS PIN CONNECTIONS
25
24
23
22
21
20
19
MUTUAL COUPLING
REDUCES INDUCTANCE
4
3
2
1
LASER DIODE CURRENT
PATH SEGMENTS
(SEE TEXT)
5
AD9660
Figure 11. Laser Diode Current Loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com