Electronic Components Datasheet Search
  English  ▼

X  

AD9660 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9660
Description  200 MHz Laser Diode Driver with Light Power Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9660 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9660 Datasheet HTML 4Page - Analog Devices AD9660 Datasheet HTML 5Page - Analog Devices AD9660 Datasheet HTML 6Page - Analog Devices AD9660 Datasheet HTML 7Page - Analog Devices AD9660 Datasheet HTML 8Page - Analog Devices AD9660 Datasheet HTML 9Page - Analog Devices AD9660 Datasheet HTML 10Page - Analog Devices AD9660 Datasheet HTML 11Page - Analog Devices AD9660 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
REV. 0
–12–
AD9660
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
28-Pin Plastic SOIC
(R-28)
28
15
14
1
0.712 (18.08)
0.700 (17.78)
0.419 (10.64)
0.393 (9.98)
0.300 (7.60)
0.292 (7.40)
PIN 1
SEATING
PLANE
0.012 (0.30)
0.004 (0.10)
0.019 (0.48)
0.014 (0.36)
0.104 (2.64)
0.093 (2.36)
0.0500
(1.27)
BSC
0.013 (0.33)
0.009 (0.23)
0.04 (1.02)
0.024 (0.61)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com