Electronic Components Datasheet Search
  English  ▼

X  

AD9631-EB Datasheet(PDF) 12 Page - Analog Devices

Part # AD9631-EB
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9631-EB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9631-EB Datasheet HTML 8Page - Analog Devices AD9631-EB Datasheet HTML 9Page - Analog Devices AD9631-EB Datasheet HTML 10Page - Analog Devices AD9631-EB Datasheet HTML 11Page - Analog Devices AD9631-EB Datasheet HTML 12Page - Analog Devices AD9631-EB Datasheet HTML 13Page - Analog Devices AD9631-EB Datasheet HTML 14Page - Analog Devices AD9631-EB Datasheet HTML 15Page - Analog Devices AD9631-EB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
REV. A
–12–
AD9631/AD9632–Typical Characteristics
21
14
140
17
15
–40
16
–60
20
18
19
120
100
80
60
40
20
0
–20
JUNCTION TEMPERATURE –
°C
AD9631
AD9632
AD9631
AD9632
±6V
±6V
±5V
±5V
Figure 51. Supply Current vs. Temperature
–1.0
–5.0
140
–4.0
–4.5
–40
–60
–3.0
–3.5
–2.5
–2.0
–1.5
120
100
80
60
40
20
0
–20
JUNCTION TEMPERATURE –
°C
AD9632
AD9631
VS = ±5V
VS = ±6V
VS = ±5V
VS = ±6V
Figure 52. Input Offset Voltage vs. Temperature
220
0
7
60
20
–6
40
–7
120
80
100
140
160
180
200
5
4
3
2
1
–1
–2
–3
–4
–5
0
6
100
20
0
10
50
30
40
60
70
80
90
INPUT OFFSET VOLTAGE – mV
CUMULATIVE
3 WAFER LOTS
COUNT = 1373
FREQ. DIST
Figure 53. AD9631 Input Offset Voltage Distribution
250
180
140
210
190
–40
200
–60
240
220
230
120
100
80
60
40
20
0
–20
JUNCTION TEMPERATURE –
°C
AD9631
AD9632
SINK
SOURCE
SINK
SOURCE
Figure 54. Short Circuit Current vs. Temperature
2.0
–2.0
140
–1.0
–1.5
–40
–60
0.0
–0.5
0.5
1.0
1.5
120
100
80
60
40
20
0
–20
JUNCTION TEMPERATURE –
°C
AD9631
AD9632
+IB
+IB
–IB
–IB
Figure 55. Input Bias Current vs. Temperature
0
7
60
20
–6
40
–7
120
80
100
140
160
180
5
4
3
2
1
–1
–2
–3
–4
–5
0
6
100
20
0
10
50
30
40
60
70
80
90
INPUT OFFSET VOLTAGE – mV
CUMULATIVE
3 WAFER LOTS
COUNT = 573
FREQ. DIST
Figure 56. AD9632 Input Offset Voltage Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com