Electronic Components Datasheet Search
  English  ▼

X  

AD9631-EB Datasheet(PDF) 15 Page - Analog Devices

Part # AD9631-EB
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9631-EB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9631-EB Datasheet HTML 11Page - Analog Devices AD9631-EB Datasheet HTML 12Page - Analog Devices AD9631-EB Datasheet HTML 13Page - Analog Devices AD9631-EB Datasheet HTML 14Page - Analog Devices AD9631-EB Datasheet HTML 15Page - Analog Devices AD9631-EB Datasheet HTML 16Page - Analog Devices AD9631-EB Datasheet HTML 17Page - Analog Devices AD9631-EB Datasheet HTML 18Page - Analog Devices AD9631-EB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD9631/AD9632
REV. A
–15–
APPLICATIONS
The AD9631 and AD9632 are voltage feedback amplifiers well
suited for such applications as photodetectors, active filters, and
log amplifiers. The devices’ wide bandwidth (320 MHz), phase
margin (65
°), low noise current (2.0 pA/√Hz), and slew rate
(1300 V/
µs) give higher performance capabilities to these appli-
cations over previous voltage feedback designs.
With a settling time of 16 ns to 0.01% and 11 ns to 0.1%, the
devices are an excellent choice for DAC I/V conversion. The
same characteristics along with low harmonic distortion make
them a good choice for ADC buffering/amplification. With su-
perb linearity at relatively high signal frequencies, the AD9631
and AD9632 are ideal drivers for ADCs up to 12 bits.
Operation as a Video Line Driver
The AD9631 and AD9632 have been designed to offer out-
standing performance as video line drivers. The important
specifications of differential gain (0.02%) and differential phase
(0.02
°) meet the most exacting HDTV demands for driving
video loads.
75
Ω
CABLE
274
Ω
274
Ω
75
Ω
CABLE
75
Ω
75
Ω
V
OUT
+V
S
–V
S
75
Ω
V
IN
0.1
µF
10
µF
AD9631/
AD9632
3
2
7
0.1
µF
10
µF
4
6
Figure 62. Video Line Driver
Active Filters
The wide bandwidth and low distortion of the AD9631 and
AD9632 are ideal for the realization of higher bandwidth active
filters. These characteristics, while being more common in many
current feedback op amps, are offered in the AD9631 and AD9632
in a voltage feedback configuration. Many active filter configu-
rations are not realizable with current feedback amplifiers.
A multiple feedback active filter requires a voltage feedback
amplifier and is more demanding of op amp performance than
other active filter configurations such as the Sallen-Key. In
general, the amplifier should have a bandwidth that is at least
ten times the bandwidth of the filter if problems due to phase
shift of the amplifier are to be avoided.
Figure 63 is an example of a 20 MHz low pass multiple feed-
back active filter using an AD9632.
1
5
V
IN
R4
154
Ω
C1
50pF
C2
100pF
R1
154
Ω
AD9632
R3
78.7
Ω
0.1
µF
+5V
–5V
0.1
µF
7
3
2
4
100
Ω
6
V
OUT
10
µF
10
µF
Figure 63. Active Filter Circuit
Choose:
FO = Cutoff Frequency = 20 MHz
α = Damping Ratio = 1/Q = 2
H = Absolute Value of Circuit Gain =
–R4
R1
= 1
Then:
k
= 2 π F
O C1
C2
=
4 C1(H
+1)
α2
R1
= α
2 HK
R3
=
α
2 K (H
+1)
R4
= H(R1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com