Electronic Components Datasheet Search
  English  ▼

X  

AD9631-EB Datasheet(PDF) 16 Page - Analog Devices

Part # AD9631-EB
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9631-EB Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9631-EB Datasheet HTML 12Page - Analog Devices AD9631-EB Datasheet HTML 13Page - Analog Devices AD9631-EB Datasheet HTML 14Page - Analog Devices AD9631-EB Datasheet HTML 15Page - Analog Devices AD9631-EB Datasheet HTML 16Page - Analog Devices AD9631-EB Datasheet HTML 17Page - Analog Devices AD9631-EB Datasheet HTML 18Page - Analog Devices AD9631-EB Datasheet HTML 19Page - Analog Devices AD9631-EB Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD9631/AD9632
REV. A
–16–
A/D Converter Driver
As A/D converters move toward higher speeds with higher reso-
lutions, there becomes a need for high performance drivers that
will not degrade the analog signal to the converter. It is desir-
able from a system’s standpoint that the A/D be the element in
the signal chain that ultimately limits overall distortion. This
places new demands on the amplifiers used to drive fast, high
resolution A/Ds.
With high bandwidth, low distortion and fast settling time the
AD9631 and AD9632 make high performance A/D drivers for
advanced converters. Figure 64 is an example of an AD9631
used as an input driver for an AD872. A 12-bit, 10 Msps A/D
converter.
MSB
BIT2
BIT3
BIT4
BIT5
BIT6
BIT7
BIT8
BIT9
BIT10
BIT11
BIT12
AV
DD
AGND
V
INA
REF GND
REF IN
REF OUT
AV
SS
AV
SS
AGND
OTR
CLK
DRGND
DRV
DD
DGND
DV
DD
19
18
17
16
15
14
13
12
11
10
9
8
24
25
3
26
28
27
1
20
21
23
22
6
7
4
5
V
INB
0.1
µF
–5V ANALOG
AD872
1
7
6
4
3
2
5
1
µF
+5V ANALOG
AD9631
ANALOG IN
0.1
µF
0.1
µF
0.1
µF
DIGITAL OUTPUT
0.1
µF
0.1
µF
10
Ω
49.9
Ω
CLOCK INPUT
0.1
µF
0.1
µF
140
Ω
+5V ANALOG
+5V DIGITAL
+5V DIGITAL
130
Ω
–5V
ANALOG
2
10
µF
10
µF
Figure 64. AD9631 Used as Driver for an AD872, a 12-Bit, 10 Msps A/D Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com