Electronic Components Datasheet Search
  English  ▼

X  

AD9631-EB Datasheet(PDF) 13 Page - Analog Devices

Part # AD9631-EB
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9631-EB Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9631-EB Datasheet HTML 9Page - Analog Devices AD9631-EB Datasheet HTML 10Page - Analog Devices AD9631-EB Datasheet HTML 11Page - Analog Devices AD9631-EB Datasheet HTML 12Page - Analog Devices AD9631-EB Datasheet HTML 13Page - Analog Devices AD9631-EB Datasheet HTML 14Page - Analog Devices AD9631-EB Datasheet HTML 15Page - Analog Devices AD9631-EB Datasheet HTML 16Page - Analog Devices AD9631-EB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD9631/AD9632
REV. A
–13–
THEORY OF OPERATION
General
The AD9631 and AD9632 are wide bandwidth, voltage feed-
back amplifiers. Since their open-loop frequency response fol-
lows the conventional 6 dB/octave roll-off, their gain bandwidth
product is basically constant. Increasing their closed-loop gain
results in a corresponding decrease in small signal bandwidth.
This can be observed by noting the bandwidth specification
between the AD9631 (gain of 1) and AD9632 (gain of 2). The
AD9631/AD9632 typically maintain 65 degrees of phase mar-
gin. This high margin minimizes the effects of signal and noise
peaking.
Feedback Resistor Choice
The value of the feedback resistor is critical for optimum perfor-
mance on the AD9631 (gain +1) and less critical as the gain in-
creases. Therefore, this section is specifically targeted at the
AD9631.
At minimum stable gain (+1), the AD9631 provides optimum
dynamic performance with RF = 140 Ω. This resistor acts only
as a parasitic suppressor against damped RF oscillations that
can occur due to lead (input, feedback) inductance and parasitic
capacitance. This value of RF provides the best combination of
wide bandwidth, low parasitic peaking, and fast settling time.
In fact, for the same reasons, a 100–130
Ω resistor should be
placed in series with the positive input for other AD9631
noninverting and all AD9631 inverting configurations. The cor-
rect connection is shown in Figures 57 and 58.
+V
S
–V
S
V
IN
100–130
Ω
0.1
µF
10
µF
6
7
2
4
3
0.1
µF
10
µF
R
F
R
G
R
IN
V
OUT
G = 1 +
R
F
R
G
AD9631/32
R
TERM
Figure 57. Noninverting Operation
+V
S
–V
S
V
IN
100–130
Ω
0.1
µF
10
µF
6
7
2
4
3
0.1
µF
10
µF
R
F
R
G
R
TERM
V
OUT
G = –
R
F
R
G
AD9631/32
R
IN
Figure 58. Inverting Operation
When the AD9631 is used in the transimpedance (I to V) mode,
such as in photodiode detection, the value of RF and diode ca-
pacitance (CI) are usually known. Generally, the value of RF se-
lected will be in the k
Ω range, and a shunt capacitor (C
F) across
RF will be required to maintain good amplifier stability. The
value of CF required to maintain optimal flatness (<1 dB Peak-
ing) and settling time can be estimated as:
C
F ≅ (2 ωOCI RF –1)/ωO
2
R
F
2
[]1/2
where
ω
O is equal to the unity gain bandwidth product of the
amplifier in rad/sec, and CI is the equivalent total input
capacitance at the inverting input. Typically
ω
O = 800 × 10
6
rad/sec (see Open-Loop Frequency Response curve (Fig-
ure 17).
As an example, choosing RF = 10 kΩ and CI = 5 pF, requires
CF to be 1.1 pF (Note: CI includes both source and parasitic
circuit capacitance). The bandwidth of the amplifier can be es-
timated using the CF calculated as:
f
3 dB ≅
1.6
2
πR
F CF
R
F
V
OUT
AD9631
C
F
C
I
I
I
Figure 59. Transimpedance Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com