| Electronic Components Datasheet Search |
|
AD974 Datasheet(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD974 Datasheet(HTML) 7 Page - Analog Devices |
|
7 / 20 page ![]() REV. A AD974 –7– CONVERSION CONTROL The AD974 is controlled by two signals: R/ C and CS. When R/ C is brought low, with CS low, for a minimum of 50 ns, the input signal will be held on the internal capacitor array and a conversion “n” will begin. Once the conversion process does begin, the BUSY signal will go low until the conversion is com- plete. Internally, the signals R/ C and CS are ORed together and there is no requirement on which signal is taken low first when initiating a conversion. The only requirement is that there be at least 10 ns of delay between the two signals being taken low. After the conversion is complete, the BUSY signal will return high and the AD974 will again resume tracking the input signal. Under certain conditions the CS pin can be tied Low and R/C will be used to determine whether you are initiating a conver- sion or reading data. On the first conversion, after the AD974 is powered up, the DATA output will be indeterminate. Conversion results can be clocked serially, using either an internal clock generated by the AD974 or an external clock. The AD974 is configured for the internal data clock mode by pulling the EXT/ INT pin low. It is configured for the external clock mode by pulling the EXT/ INT pin high. INTERNAL DATA CLOCK MODE The AD974 is configured to generate and provide the data clock when the EXT/ INT pin is held low. Typically CS will be tied low and R/ C will be used to initiate a conversion “n.” During the conversion the AD974 will output 16 bits of data, MSB first, from conversion “n-1” on the DATA pin. This data will be synchronized with 16 clock pulses provided on the DATACLK pin. The output data will be valid on both the rising and falling edge of the data clock as shown in Figure 3. After the LSB has been presented, the DATACLK pin will stay low until another conversion is initiated. In this mode, the digital input/output pins’ transitions are suit- ably positioned to minimize degradation on the conversion result, mainly during the second half of the conversion process. EXTERNAL DATA CLOCK MODE The AD974 is configured to accept an externally supplied data clock when the EXT/ INT pin is held high. This mode of opera- tion provides several methods by which conversion results can be read. The output data from conversion “n-1” can be read during conversion “n,” or the output data from conversion “n” CS, R/C BUSY MODE ACQUIRE CONVERT t1 CONVERT ACQUIRE t3 t2 t5 t6 t4 t7 t23 t25 t24 A0, A1 WR1, WR2 Figure 2. Basic Conversion Timing R/ C DATACLK DATA BUSY 1 MSB VALID BIT 14 VALID t8 t1 t9 2 3 15 16 t10 t11 BIT 13 VALID BIT 1 VALID LSB VALID t2 t6 Figure 3. Serial Data Timing for Reading Previous Conversion Results with Internal Clock ( CS and EXT/ INT Set to Logic Low) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |