Electronic Components Datasheet Search
  English  ▼

X  

AD974 Datasheet(PDF) 15 Page - Analog Devices

Part # AD974
Description  4-Channel, 16-Bit, 200 kSPS Data Acquisition System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD974 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD974 Datasheet HTML 11Page - Analog Devices AD974 Datasheet HTML 12Page - Analog Devices AD974 Datasheet HTML 13Page - Analog Devices AD974 Datasheet HTML 14Page - Analog Devices AD974 Datasheet HTML 15Page - Analog Devices AD974 Datasheet HTML 16Page - Analog Devices AD974 Datasheet HTML 17Page - Analog Devices AD974 Datasheet HTML 18Page - Analog Devices AD974 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
REV. A
AD974
–15–
OFFSET AND GAIN ADJUSTMENT
The AD974 is factory trimmed to minimize gain, offset and
linearity errors. There are no internal provisions to allow for any
further adjustment of offset error through external circuitry.
The reference of the AD974 can be adjusted as shown in Figure
12. This will allow the full-scale error of any one channel to be
adjusted to zero or will allow the average full-scale error of the
four channels to be minimized.
2.2 F
2.2 F
576k
50k
+
+
CAP
REF
AGND2
AD974
+5V
Figure 12. AD974 Full-Scale Trim
VOLTAGE REFERENCE
The AD974 has an on-chip temperature compensated bandgap
voltage reference that is factory trimmed to +2.5 V
± 20 mV.
The accuracy of the AD974 over the specified temperature
range is dominated by the drift performance of the voltage refer-
ence. The on-chip voltage reference is laser-trimmed to provide
a typical drift of 7 ppm/
°C. This typical drift characteristic is
shown in Figure 13, which is a plot of the change in reference
voltage (in mV) versus the change in temperature—notice the
plot is normalized for zero error at +25
°C. If improved drift perfor-
mance is required, an external reference such as the AD780
should be used to provide a drift as low as 3 ppm/
°C. In order to
simplify the drive requirements of the voltage reference (internal
or external), an on-chip reference buffer is provided.
–55
25
125
DEGREES – Celsius
Figure 13. Reference Drift
The output of this buffer is provided at the CAP pin and is
available to the user; however, when externally loading the refer-
ence buffer, it is important to make sure that proper precautions
are taken to minimize any degradation in the ADC’s perfor-
mance. Figure 14 shows the load regulation of the reference
buffer. Notice that this figure is also normalized so that there is
zero error with no dc load. In the linear region, the output imped-
ance at this point is typically 1
Ω. Because of this output imped-
ance, it is important to minimize any ac- or input-dependent
loads that will lead to increased distortion. Any dc load will
simply act as a gain error. Although the typical characteristic of
Figure 14 shows that the AD974 is capable of driving loads
greater than 15 mA, it is recommended that the steady state
current not exceed 2 mA.
LOAD CURRENT – 5mA/DIV
SOURCE CAPABILITY
SINK CAPABILITY
Figure 14. CAP Pin Load Regulation
Using an External Reference
In addition to the on-chip reference, an external 2.5 V reference
can be applied. When choosing an external reference for a
16-bit application, however, careful attention should be paid to
noise and temperature drift. These critical specifications can
have a significant effect on the ADC performance.
Figure 15 shows the AD974 used in bipolar mode with the
AD780 voltage reference applied to the REF pin. The AD780
is a bandgap reference that exhibits ultralow drift, low initial
error and low output noise. For low power applications, the
AD780 provides a low quiescent current, high accuracy and low
temperature drift solution.
BIP
VxA
VxB
AGND1
CAP
REF
AGND2
AD974
VIN
C4
0.1 F
C2
2.2 F
+
VANA
TEMP
VOUT
GND
VIN
AD780
6
4
2
3
C1
2.2 F
+
–
C3
1 F
+
–
+5V
0.1 F
–
Figure 15. External Reference to AD974 Configured for
±10 V Input Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com