Electronic Components Datasheet Search
  English  ▼

X  

AD9761-EB Datasheet(PDF) 5 Page - Analog Devices

Part # AD9761-EB
Description  Dual 10-Bit TxDAC??with 2x Interpolation Filters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9761-EB Datasheet(HTML) 5 Page - Analog Devices

  AD9761-EB Datasheet HTML 1Page - Analog Devices AD9761-EB Datasheet HTML 2Page - Analog Devices AD9761-EB Datasheet HTML 3Page - Analog Devices AD9761-EB Datasheet HTML 4Page - Analog Devices AD9761-EB Datasheet HTML 5Page - Analog Devices AD9761-EB Datasheet HTML 6Page - Analog Devices AD9761-EB Datasheet HTML 7Page - Analog Devices AD9761-EB Datasheet HTML 8Page - Analog Devices AD9761-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
AD9761
–5–
REV. A
ORDERING GUIDE
Package
Package
Model
Description
Option
AD9761ARS 28-Lead Shrink Small Outline (SSOP) RS-28
AD9761-EB
Evaluation Board
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9761 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS*
With
Parameter
Respect to
Min
Max
Units
AVDD
ACOM
–0.3
+6.5
V
DVDD
DCOM
–0.3
+6.5
V
ACOM
DCOM
–0.3
+0.3
V
AVDD
DVDD
–6.5
+6.5
V
CLOCK, WRITE
DCOM
–0.3
DVDD+0.3
V
SELECT, SLEEP
DCOM
–0.3
DVDD+0.3
V
Digital Inputs
DCOM
–0.3
DVDD+0.3
V
IOUTA, IOUTB
ACOM
–1.0
AVDD+0.3
V
QOUTA, QOUTB
ACOM
–1.0
AVDD+0.3
V
COMP1, COMP2
ACOM
–0.3
AVDD+0.3
V
COMP3
ACOM
–0.3
AVDD+0.3
V
REFIO, FSADJ
ACOM
–0.3
AVDD+0.3
V
REFLO
ACOM
–0.3
+0.3
V
Junction Temperature
+150
°C
Storage Temperature
–65
+150
°C
Lead Temperature (10 sec)
+300
°C
*This is a stress rating only; functional operation of the device at these or any other conditions above
those listed in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
THERMAL CHARACTERISTICS
Thermal Resistance
28-Lead SSOP
θ
JA = 109
°C/W
Figure 3. Basic AC Characterization Test Setup
WARNING!
ESD SENSITIVE DEVICE
COMP1
"I"
DAC
FSADJ
IOUTA
IOUTB
WRITE
SELECT
COMP3
AVDD
AVSS
AD9761
2x
LATCH
"I"
REFLO
"Q"
DAC
QOUTA
QOUTB
2x
LATCH
"Q"
MUX
CONTROL
COMP2
DB9–DB0
SLEEP
CLOCK
REFIO
100
50
20pF
50
20pF
DIGITAL
DATA
TEKTRONIX
AWG-2021
CLOCK
OUT
MARKER 1
RETIMED
CLOCK
OUTPUT
*
LE CROY 9210
PULSE GENERATOR
*AWG2021 CLOCK RETIMED SUCH THAT DIGITAL DATA
TRANSITIONS ON FALLING EDGE OF 50% DUTY CYCLE CLOCK.
MINI-CIRCUITS
T1-1T
RSET
2k
0.1 F
TO HP3589A
SPECTRUM/NETWORK
ANALYZER
50
INPUT
100
50
20pF
50
20pF
MINI-CIRCUITS
T1-1T
TO HP3589A
SPECTRUM/NETWORK
ANALYZER
50
INPUT
0.1 F
0.1 F
0.1 F
DVDD DCOM
+2.7V TO
5.5V
+2.7V TO
5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com