Electronic Components Datasheet Search
  English  ▼

X  

AD9761-EB Datasheet(PDF) 11 Page - Analog Devices

Part # AD9761-EB
Description  Dual 10-Bit TxDAC??with 2x Interpolation Filters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9761-EB Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9761-EB Datasheet HTML 7Page - Analog Devices AD9761-EB Datasheet HTML 8Page - Analog Devices AD9761-EB Datasheet HTML 9Page - Analog Devices AD9761-EB Datasheet HTML 10Page - Analog Devices AD9761-EB Datasheet HTML 11Page - Analog Devices AD9761-EB Datasheet HTML 12Page - Analog Devices AD9761-EB Datasheet HTML 13Page - Analog Devices AD9761-EB Datasheet HTML 14Page - Analog Devices AD9761-EB Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
AD9761
–11–
REV. A
Referring to Figure 23, the “new” first image associated with the
DAC’s higher data rate after interpolation is “pushed” out fur-
ther relative to the input signal. The “old” first image associated
with the lower DAC data rate before interpolation is suppressed
by the digital filter. As a result, the transition band for the ana-
log reconstruction filter is increased thus reducing the complex-
ity of the analog filter.
The digital interpolation filters for I and Q paths are identical
43 tap halfband symmetric FIR filters. Each filter receives de-
interleaved I or Q data from the digital input interface. The
input CLOCK signal is internally divided by two to generate the
filter clock. The filters are implemented with two parallel paths
running at the filter clock rate. The output from each path is
selected on opposite phases of the filter clock, thus producing
interpolated filtered output data at the input clock rate. The
frequency response and impulse response of these filters are
shown in Figures 2a and 2b. Table I lists the idealized filter
coefficients that correspond to the filter’s impulse response.
The digital section of the AD9761 also includes an input inter-
face section designed to support interleaved I and Q input data
from a single 10-bit bus. This section de-interleaves the I and Q
input data while ensuring its proper pairing for the 2
× interpola-
tion filters. A SLEEP/RESET input serves a dual function by
providing a reset function for this section as well as providing
power down functionality. Refer to the DIGITAL INPUT AND
INTERFACE CONSIDERATIONS and SLEEP/RESET
sections for a more detailed discussion.
DAC TRANSFER FUNCTION
Each I and Q DAC provides complementary current output
pins: IOUT(A/B) and QOUT(A/B) respectively. Note, QOUTA
and QOUTB operate identically to IOUTA and IOUTB.
IOUTA will provide a near full-scale current output, IOUTFS,
when all bits are high (i.e., DAC CODE = 1023) while IOUTB,
the complementary output, provides no current. The current
output of IOUTA and IOUTB are a function of both the input
code and IOUTFS and can be expressed as:
IIOUTA = (DAC CODE/1024)
× I
OUTFS
(1)
IIOUTB = (1023 – DAC CODE)/1024
× I
OUTFS
(2)
where:
DAC CODE = 0 to 1023 (i.e., Decimal Representation).
As previously mentioned, IOUTFS is a function of the reference
current, IREF, which is nominally set by a reference, VREFIO, and
external resistor, RSET. It can be expressed as:
IOUTFS = 16
× I
REF
(3)
where:
IREF = VREFIO/RSET
(4)
The two current outputs will typically drive a resistive load
directly or via a transformer. If dc coupling is required, IOUTA
and IOUTB should be directly connected to matching resistive
loads, RLOAD, which are tied to analog common, ACOM. Note,
RLOAD represents the equivalent load resistance seen by IOUTA
or IOUTB. The single-ended voltage output appearing at IOUTA
and IOUTB pins is simply:
VIOUTA = IIOUTA
× R
LOAD
(5)
VIOUTB = IIOUTB
× R
LOAD
(6)
Note, the full-scale value of VIOUTA and VIOUTB should not
exceed the specified output compliance range to maintain speci-
fied distortion and linearity performance.
The differential voltage, VIDIFF, appearing across IOUTA and
IOUTB is:
VIDIFF =(IIOUTA – IIOUTB)
× R
LOAD
(7)
Substituting the values of IIOUTA, IIOUTB, and IREF; VIDIFF can be
expressed as:
VIDIFF ={(2 DAC CODE – 1023)/1024)}
×
(16 RLOAD/RSET)
× V
REFIO
(8)
These last two equations highlight some of the advantages of
operating the AD9761 differentially. First, differential operation
will help cancel common-mode error sources associated with
IIOUTA and IIOUTB such as noise and distortion. Second, the
differential code dependent current and subsequent voltage,
VIDIFF, is twice the value of the single-ended voltage output (i.e.,
VIOUTA or VIOUTB) thus providing twice the signal power to the
load.
REFERENCE OPERATION
The AD9761 contains an internal 1.20 V bandgap reference
which can be easily disabled and overridden by an external
reference. REFIO serves as either an input or output depending
on whether the internal or an external reference is selected. If
REFLO is tied to ACOM as shown in Figure 24, the internal
reference is activated and REFIO provides a 1.20 V output. In
this case, the internal reference must be filtered externally with a
ceramic chip capacitor of 0.1
µF or greater from REFIO to
REFLO. Also, REFIO should be buffered with an external
amplifier having a low input bias current (i.e., <1
µA) if any
additional loading is required.
50pF
CURRENT
SOURCE
ARRAY
+1.2V REF
REFIO
FSADJ
REFLO
COMP2
AVDD
0.1 F
RSET
2k
0.1 F
OPTIONAL EXTERNAL
REF BUFFER FOR
ADDITIONAL LOADS
COMPENSATION
CAPACITOR
REQUIRED
AD9761
Figure 24. Internal Reference Configuration
The internal reference can also be disabled by connecting REFLO
to AVDD. In this case, an external reference may then be ap-
plied to REFIO as shown in Figure 25. The external reference
may provide either a fixed reference voltage to enhance accuracy
and drift performance or a varying reference voltage for gain
control. Note that the 0.1
µF compensation capacitor is not
required since the internal reference is disabled and the high
input impedance (i.e., 1 M
Ω) of REFIO minimizes any loading
of the external reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com