Electronic Components Datasheet Search
  English  ▼

X  

AD9761-EB Datasheet(PDF) 15 Page - Analog Devices

Part # AD9761-EB
Description  Dual 10-Bit TxDAC??with 2x Interpolation Filters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9761-EB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9761-EB Datasheet HTML 11Page - Analog Devices AD9761-EB Datasheet HTML 12Page - Analog Devices AD9761-EB Datasheet HTML 13Page - Analog Devices AD9761-EB Datasheet HTML 14Page - Analog Devices AD9761-EB Datasheet HTML 15Page - Analog Devices AD9761-EB Datasheet HTML 16Page - Analog Devices AD9761-EB Datasheet HTML 17Page - Analog Devices AD9761-EB Datasheet HTML 18Page - Analog Devices AD9761-EB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
AD9761
–15–
REV. A
5 MSPS
RATIO – fOUT/fCLK
40
30
0.05
0.15
40 MSPS
20
0
0.1
20 MSPS
10 MSPS
10
0
0.2
2.5 MSPS
5
35
25
15
Figure 34. IDVDD vs. Ratio @ DVDD = 3 V
APPLYING THE AD9761
OUTPUT CONFIGURATIONS
The following sections illustrate some typical output configura-
tions for the AD9761. Unless otherwise noted, it is assumed
that IOUTFS is set to a nominal 10 mA. For applications requir-
ing the optimum dynamic performance, a differential output
configuration is suggested. A differential output configuration
may consist of either an RF transformer or a differential op amp
configuration. The transformer configuration provides the opti-
mum high frequency performance and is recommended for any
application allowing for ac coupling. The differential op amp
configuration is suitable for applications requiring dc coupling, a
bipolar output, signal gain, and/or level shifting.
A single-ended output is suitable for applications requiring a
unipolar voltage output. A positive unipolar output voltage will
result if IOUTA and/or IOUTB is connected to an appropri-
ately sized load resistor, RLOAD, referred to ACOM. This
configuration may be more suitable for a single-supply system
requiring a dc coupled, ground referred output voltage. Alterna-
tively, an amplifier could be configured as an I-V converter thus
converting IOUTA or IOUTB into a negative unipolar voltage. This
configuration provides the best dc linearity since IOUTA or
IOUTB is maintained at a virtual ground.
DIFFERENTIAL COUPLING USING A TRANSFORMER
An RF transformer can be used to perform a differential-to-
single-ended signal conversion as shown in Figure 35. A differen-
tially coupled transformer output provides the optimum distortion
performance for output signals whose spectral content lies within
the transformers passband. An RF transformer such as the Mini
Circuits T1-1T provides excellent rejection of common-mode
distortion (i.e., even-order harmonics) and noise over a wide
frequency range. It also provides electrical isolation and the
ability to deliver twice the power to the load. Transformers with
different impedance ratios may also be used for impedance
matching purposes. Note that the transformer provides ac cou-
pling only.
OPTIONAL
RDIFF
RLOAD
MINI-CIRCUITS
T1-1T
IOUTA
IOUTB
AD9761
Figure 35. Differential Output Using a Transformer
The center-tap on the primary side of the transformer must be
connected to ACOM to provide the necessary dc current path
for both IOUTA and IOUTB. The complementary voltages appear-
ing at IOUTA and IOUTB (i.e., VOUTA and VOUTB) swing sym-
metrically around ACOM and should be maintained with the
specified output compliance range of the AD9761. A differential
resistor, RDIFF, may be inserted in applications in which the
output of the transformer is connected to the load, RLOAD, via a
passive reconstruction filter or cable requiring double termina-
tion. RDIFF is determined by the transformer’s impedance ratio
and provides the proper source termination which results in a
low VSWR. Note that approximately half the signal power will
be dissipated across RDIFF.
DIFFERENTIAL USING AN OP AMP
An op amp can also be used to perform a differential to single-
ended conversion as shown in Figure 36. The AD9761 is config-
ured with two equal load resistors, RLOAD, of 50
Ω. The differential
voltage developed across IOUTA and IOUTB is converted to a
single-ended signal via the differential op amp configuration. An
optional capacitor can be installed across IOUTA and IOUTB
forming a real pole in a low-pass filter. The addition of this
capacitor also enhances the op amps distortion performance by
preventing the DACs high slewing output from overloading the
op amp’s input.
COPT
200
500
IOUTA
IOUTB
AD9761
RLOAD
50
200
AD8042
500
RLOAD
50
Figure 36. DC Differential Coupling Using an Op Amp
The common-mode rejection of this configuration is typically
determined by the resistor matching. In this circuit, the differen-
tial op amp circuit using the AD8042 is configured to provide
some additional signal gain. The op amp must operate from a
dual supply since its output is approximately
±1.0 V. A high
speed amplifier capable of preserving the differential performance
of the AD9761 while meeting other system level objectives (i.e.,
cost, power) should be selected. The op amps differential gain, its
gain setting resistor values, and full-scale output swing capabili-
ties should all be considered when optimizing this circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com